công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SX bảng dữ liệu(PDF) 7 Page - Honeywell Solid State Electronics Center

tên linh kiện 2SX
Giải thích chi tiết về linh kiện  Premium Subminiature Basic Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2SX bảng dữ liệu(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 2SX Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2SX Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2SX Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2SX Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2SX Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2SX Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2SX Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2SX Datasheet HTML 10Page - Honeywell Solid State Electronics Center 2SX Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ Premium Subminiature Basic Switches
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
MICRO SWITCH™ SX SERIES ORDER GUIDE • INTEGRAL LEVER
Catalog
Listing
Recommended For
O.F.
N [oz]
R.F. min.
N [ oz]
P.T. max.
mm [in]
O.T. min.
mm [in]
D.T.
mm [in]
O.P.
mm [in]
311SX1-T
3,43 mm [0.135 in] straight
lever
5 A
A
0,49 [1.76] 0,09 [0.32]
1,65
[0.065]
0,36
[0.014]
0,51
[0.020]
8,43 mm
±1,14 mm
[0.332 in
±0.045 in]
313SX1-T
3,43 mm [0.135 in] straight
lever with gold contacts
1 A
D
0,49 [1.76] 0,09 [0.32]
1,65
[0.065]
0,36
[0.014]
0,51
[0.020]
8,43 mm
±1,14 mm
[0.332 in
±0.045 in]
311SX2-T
12,8 mm [0.505 in] straight
lever
5 A
A
0,31 [1.1]
0,05 [0.18]
2,92
[0.115]
0,64
[0.025]
0,89
[0.035]
8,26 mm
±1,91 mm
[0.325 in
±0.075 in]
313SX2-T
12,8 mm [0.505 in] straight
lever with gold contacts
1 A
D
0,31 [1.1]
0,05 [0.18]
2,92
[0.115]
0,64
[0.025]
0,89
[0.035]
8,26 mm
±1,91 mm
[0.325 in
±0.075 in]
311SX3-T
24,5 mm [0.965 in] straight
lever
5 A
A
0,20 [0.71] 0,03 [0.11]
4,70
[0.185]
0,61
[0.024]
1,52
[0.060]
7,75 mm
±2,92 mm
[0.305 in
±0.115 in]
313SX3-T
24,5 mm [0.965 in] straight
lever with gold contacts
1 A
D
0,20 [0.71] 0,03 [0.11]
4,70
[0.185]
0,61
[0.024]
1,52
[0.060]
7,75 mm
±2,92 mm
[0.305 in
±0.115 in]
311SX4-T
1,1 mm [0.042 in]
simulated roller lever
5 A
A
0,58 [2.1]
0,11 [0.39]
1,27
[0.050]
0,25
[0.010]
0,38
[0.015]
14,15 mm
±0,91 mm
[0.557 in
±0.036 in]
313SX4-T
1,1 mm [0.042 in]
simulated roller lever with
gold contacts
1 A
D
0,58 [2.1]
0,11 [0.39]
1,27
[0.050]
0,25
[0.010]
0,38
[0.015]
14,15 mm
±0,91 mm
[0.557 in
±0.036 in]
311SX5-T
11,7 mm [0.459 in]
simulated roller lever
5 A
A
0,31 [1.1]
0,05 [0.18]
2,67
[0.105]
0,56
[0.022]
0,89
[0.035]
14,86 mm
±1,65 mm
[0.585 in
±0.065 in]
313SX5-T
11,7 mm [0.459 in]
simulated roller lever with
gold contacts
1 A
D
0,31 [1.1]
0,05 [0.18]
2,67
[0.105]
0,56
[0.022]
0,89
[0.035]
14,86 mm
±1,65 mm
[0.585 in
±0.065 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com