công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BEST8623A bảng dữ liệu(PDF) 1 Page - pro-elec

tên linh kiện BEST8623A
Giải thích chi tiết về linh kiện  Mini Worklight, 24 LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PRO-ELEC [pro-elec]
Trang chủ  
Logo PRO-ELEC - pro-elec

BEST8623A bảng dữ liệu(HTML) 1 Page - pro-elec

  BEST8623A Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.farnell.com
www.cpc.co.uk
Page <1>
V1.0
13/04/16
Mini Worklight, 24 LED
Specifications:
LED
: 24 LED (About 1.2W)
Lumen
: 100 lumen
Life Span of LED
: 1,00,000 hours
Mcd
: 13,000-1,50,000 mcd
Material
: ABS
Product Size
: 207mm × 54mm × 27mm
Weight
: 116g
Battery
: Use 3AA battery (not include)
Function
: 24LED On/Off
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-ELEC is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Mini work light, with hock & magnet
on back, 24 LED
BEST8623A


Số phần tương tự - BEST8623A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
pro-elec
BEST8623B PRO-ELEC-BEST8623B Datasheet
153Kb / 1P
Mini Worklight, 243 LED
14/04/16 V1.0
More results

Mô tả tương tự - BEST8623A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Siemens Semiconductor G...
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
Cree, Inc
LD-300CBG2-C5 CREE-LD-300CBG2-C5 Datasheet
310Kb / 5P
Mini-Dorado LED
LD-300CBGL2-C5 CREE-LD-300CBGL2-C5 Datasheet
325Kb / 5P
Mini-Dorado LED
LD-300CPG2-C5 CREE-LD-300CPG2-C5 Datasheet
316Kb / 5P
Mini-Dorado LED
logo
Vishay Siliconix
VLMP23K2M2-GS08 VISHAY-VLMP23K2M2-GS08 Datasheet
312Kb / 9P
Mini SMD LED
22-May-13
VLMP23 VISHAY-VLMP23 Datasheet
305Kb / 9P
Mini SMD LED
28-Nov-14
logo
HK TO-GRACE TECHNOLOGY ...
VLMP23K2M2-GS08 TO-GRACE-VLMP23K2M2-GS08 Datasheet
1Mb / 9P
Mini SMD LED
logo
Vishay Siliconix
VLME23 VISHAY-VLME23_V01 Datasheet
324Kb / 12P
Power Mini SMD LED
23-Sep-2021
VLMP23 VISHAY-VLMP23_V01 Datasheet
318Kb / 9P
Mini SMD LED
23-Sep-2021
VLMP23L2M2 VISHAY-VLMP23L2M2 Datasheet
335Kb / 9P
Mini SMD LED
27-Sep-2022
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com