công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF1/2CC1/2M12.5 bảng dữ liệu(PDF) 2 Page - KOA Speer Electronics, Inc.

tên linh kiện MF1/2CC1/2M12.5
Giải thích chi tiết về linh kiện  MF, MFS, RK .general purpose metal film leaded resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KOA [KOA Speer Electronics, Inc.]
Trang chủ  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MF1/2CC1/2M12.5 bảng dữ liệu(HTML) 2 Page - KOA Speer Electronics, Inc.

  MF1/2CC1/2M12.5 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MF1/2CC1/2M12.5 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MF, MFS, RK
general purpose metal film leaded resistor
Performance Characteristics
environmental applications
Absolute
Maximum
Overload
Voltage
Absolute
Maximum
Working
Voltage
Part
Designation
Power
Rating
@ 70°C
applications and ratings
Minimum
Dielectric
Withstanding
Voltage
MF1/4C
MF1/4D
MF1/2D
MF1/2C
0.25W
0.50W
10- 2.21M
10 - 5.05M
10 - 4.99M
10 - 5.11M
10 - 2.21M
D: ±100
C: ±50
C: ±50
D: ±100
700V
500V
250V
350V
500V
700V
T.C.R.
(ppm/°C)
Resistance Range (
Ω)
(D±0.5%)
E-24 E-192
(F±1.0%)
E-24 E-96
Operating
Temperature
Range
-55°C
to
+155°C
—
—
(G±2.0%)
E-24
—
—
(J±5.0%)
E-24
MF1/4L
1.0 - 10
L: ±200
0.51 - 10
—
MF1/2L
—
1.0 - 10
L: ±200
0.51 - 10
Ω
MFS1/2D
MFS1/2C
10 - 1M
10 - 2.21M
C: ±50
D: ±100
500V
0.50W
350V
700V
10 - 2.2M
—
RK1/2D
0.50W
—
—
5.11M - 33M
—
L: ±200
L: ±200
D: ±100
—
3.3M - 33M
—
3.3M - 33M
RK1/4D
—
3.09M - 25M
D: ±100
—
—
700V
1000V
700V
0.25W
500V
—
—
500V
700V
6.2M - 33M
6.2M - 33M
RK1/4L
—
100k - 25M
B: ±350
100k - 33M
100k - 33M
RK1/4B
RK1/2L
RK1BC
1W
—
100k - 51M
G: ±250
B: ±350
100k - 100M
100k - 100M
1000V
1500V
1000V
0.50W
350V
700V
700V
—
—
—
1M - 12M
—
100k - 35M
B: ±350
100k - 51M
100k - 51M
RK1/2B
RK1/2G*
* Discharge path resistor
Parameter
Requirement ∆ R ±(% + 0.05
Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
Room temperature, +100°C, RK: +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
—
—
Overload (Short Time)
RK, MFS1/4, MF1/4, MF1/2: Rated voltage x 2.5 or max. overload voltage,
whichever is lower, for 5 seconds;
MFS1/2: Rated voltage x 2 or max. overload voltage for 5 seconds, whichever is less
RK: ±1%, RK1/2G: ±2.5%
MF: ±0.5%
RK: ±0.6%, RK1/2G: ±1%
MF: ±0.3%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second or RK: 350°C ± 10°C, 3.5 seconds
± 0.5 second
RK: ±1%; RK1/2G: ±5%;
MFS: ±0.75%; MF1/4,
MFS1/2, MF1/2: ±0.5%,
RK: ±0.5%; RK1/2G: ±1%
MFS1/4: ±0.4%; MF1/4,
MFS1/2, MF1/2: ±0.25%
Dielectric Withstanding Voltage
RK: 1 minute
No breakdown
—
Insulation Resistance
RK: 100V, 1 minute
Not less than 10,000M
Ω
—
Rapid Change of Temperature
-55°C (30 minutes), +155°C (30 minutes), 5 cycles
RK,MF: ±1%;
RK1/2G: ±5%
MF: ±0.3%; RK: ±0.5%,
RK1/2G: ±1%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
RK: ±5%; RK1/2G: ±10%;
MFS1/4: ±1.5%; MF1/4,
MFS1/2, MF1/2: ±1%
RK: ±2%; RK1/2G: ±5%;
MFS1/4: ±1%; MF1/4,
MFS1/2, MF1/2: ±0.75%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
RK: ±5%; RK1/2G: ±10%;
MFS1/4: ±1.5%; MF1/4,
MFS1/2, MF1/2: ±1%
RK: ±2%; RK1/2G: ±5%;
MFS1/4: ±1%; MF1/4,
MFS1/2, MF1/2: ±0.75%
Resistance to Solvent
RK:The resistor shall be immersed for 5 seconds in IPA
No abnormality in
appearance. Marking
shall be easily legible
—
Impulse
RK: Discharge from 1000pF capacitor 50 pulses. Internal 2.5 seconds.
Charge voltage: 1.25kV (RK1/4), 2.5kV (RK1/2) and 6kV (RK1)
No such abnormalities
as short-circuit, burnout,
breakdown, etc.
—
141
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/25/22
MFS1/4C
MFS1/4D
0.25W
49.9 - 562k
10 - 1M
D: ±100
C: ±50
300V
——
250V
500V



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com