| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF1DC1/2VTE bảng dữ liệu(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
MF1DC1/2VTE bảng dữ liệu(HTML) 1 Page - KOA Speer Electronics, Inc. |
|
1 / 2 page ![]() 140 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 5/13/23 MF MFS RK features MF, MFS, RK .general purpose metal film leaded resistor dimensions and construction Ceramic Core d D Marking Resistive Film Insulation Coating Trimming Line End Cap Lead Wire L l C L (ref.) MF1/4 .248±.02 (6.3±0.5) .280 (7.1) .091±.012 (2.3±0.3) .024 (0.6) 1.10±.118 (28.0±3.0) 1.10±.118 (28.0±3.0) .024 (0.6) .437 (11.1) .354±.04 (9.0±1.0) .138±.016 (3.5±0.4) .437 (11.1) .354±.04 (9.0±1.0) MF1/2C MF1/2D .024/.031 (0.6)/(0.8) MF1/2L Type C (max.) D d (nom.) l* Dimensions inches (mm) 1/4: T26, T52, VT, VTP, VTE, MT, M, U, M10, M12.5 1/2: T26, T52, VTP, VTE, M12.5, M15 1: T521 ordering information +2%: 2 significant figures + 1 multiplier +0.5%,+1%: 3 significant figures + 1 multiplier “R” indicates decimal on value <100Ω 1/4: 0.25W 1/2: 0.50W 1: 1W C: SnCu D: ±0.5% F: ±1% G: ±2% J: ±5% MF 1/2 C Termination Material MF1/2L: T52 & Bulk Only: 6: 0.6mm 8: 0.8mm Blank: All others sizes & packaging Lead Diameter Type Power Rating Nominal Resistance Tolerance Taping and Forming T52 1003 A: Ammo R: Reel Packaging R F For further information on packaging, please refer to Appendix C. C: ±50 D: ±100 L: ±200 G: ±250 B: ±350 T.C.R. D MFS1/4 .126 +.02 -.008 (3.2 +0.5) -0.2 .133 (3.4) .018 (0.45) .024 (0.6) .091±.012 (2.3±0.3) .280 (7.1) .248±.02 (6.3±0.5) MFS1/2 .066 +.016 -.004 (1.7 +0.4) -0.1 1.50±.118 (38.0±3.0) EU RK1/4 .248±.02 (6.3±0.5) .280 (7.1) .091±.012 (2.3±0.3) .024 (0.6) .024 (0.6) .138±.016 (3.5±0.4) .437 (11.1) .374±.04 (9.5±1.0) RK1/2 .031 (0.8) .217±.02 (5.5±0.5) .720 (18.3) .610±.04 (15.5±1.0) RK1 0.94 min. (24.0 min.) Derating Curve 100 80 60 40 20 -60 -40 0 40 60 80 100 160 70 20 Ambient Temperature (°C) 0 -55 120 155 -20 140 Surface Temperature Rise 70 50 40 30 20 025 50 75 % Rated Power 0 100 10 60 MFS1/2 MF1/2 MF1/4 MFS1/4 * Lead length changes depending on taping and forming. • Semi-precision metal film resistors • Meets requirements of MIL-R-22684 • Suitable for automatic machine insertion • MFS two times the power rating of the standard body type • Products with lead-free terminations meet EU RoHS and China RoHS requirements • AEC-Q200 Tested: MF1/4, MFS1/4, MFS1/2 .138 +.016 -.02 (3.5 +0.4) -0.5 1.10 +.012 -.016 (28.0 +3.0) -4.0 |
Số phần tương tự - MF1DC1/2VTE |
|
Mô tả tương tự - MF1DC1/2VTE |