công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RK73Z2ATTPL bảng dữ liệu(PDF) 2 Page - KOA Speer Electronics, Inc.

tên linh kiện RK73Z2ATTPL
Giải thích chi tiết về linh kiện  JUMPER RK73Z Flat Chip Jumper Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KOA [KOA Speer Electronics, Inc.]
Trang chủ  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73Z2ATTPL bảng dữ liệu(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73Z2ATTPL Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73Z2ATTPL Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Taping
TX : 4mm width-1mm pitch
plastic embossed
TBL・TCM : 2mm pitch
press paper
TPL・TP : 2mm pitch
punch paper
TD : 4mm pitch punch paper
TE : 4mm pitch plastic embossed
BK : Bulk
Product
Code
Current
Rating
  1F:0.5A
  1H:0.5A
  1E:1A
  1J:1A
  2A:2A
  2B:2A
  2E:2A
 W2H:2A
 W3A:2A
Characteristic
 Nil : Standard
  A : Heat shock
resistance※2
Terminal
Surface Material
  T:Sn
  G:Au※3
(L:Sn/Pb※4)
JUMPER
RK73Z Flat Chip Jumper Resistors
■Construction
Coating color:Green (1H, 1E)
Black (1F, 1J, 2A, 2B, 2E, W2H, W3A)
■Features
・Wide lineup from 01005 to 2512 size.
・Excellent heat resistance and weather resistance, because of the
use of glaze thick film as resistive film.
・Suitable for both flow and reflow solderings.
・Products with lead free termination meet EU-RoHS requirements.
EU-RoHS regulation is not intended for Pb-glass contained in
electrode, resistor element and glass.
・AEC-Q200 Tested (Exemption 1F).
■Reference Standards
 IEC 60115-8
 JIS C 5201-8
 EIAJ RC-2134C
① Protective coating
② Resistive film
③ Inner electrode
④ Ni plating
⑤ Solder plating
⑥ Ceramic substrate
L
c
c
W
t
d
③
②
①
④
⑤
⑥
EU
RoHS
※2 With type A(1E,1J,2A,2B)only T is available as the terminal
surface material. No resistance marking.
※3 Products with gold plated electrodes are also available with 1E, 1J
and 2A types, so please consult with us.
※4 With type 1F and 1H, W2H, W3A only T is available as the terminal
surface material.
The terminal surface material lead free is standard.
Contact us when you have control request for environmental hazardous
material other than the substance specified by EU-RoHS.
For further information on taping, please refer to APPENDIX C on
the back pages.
■Type Designation
 Example
RK73Z
2B
 
T
TD
■Dimensions
※1 RK73Z 2H and RK73Z 3A are also still available (different“d”dimensions=0.4  mm)
+0.2
−0.1
■Ratings
Type
Rated Ambient
Temp.
Rated Terminal
Part Temp.
Resistance
Current Rating
Max. Overload
Current
Operating
Temp. Range
Packaging & Q’ty /Reel(pcs)
TX
TBL
TCM※6
TPL・TP
TD
TE
1F
70℃
̶
50mΩ max.
0.5A
1A
−55℃∼+125℃ 40,000 20,000
̶
̶
̶
̶
1H
125℃
−55℃∼+155℃
̶
̶
15,000
̶
̶
̶
1E
70℃
125℃
50mΩ max.
1A
2A
̶
̶
̶
TPL:20,000
TP :10,000
̶
̶
1J
̶
̶
̶
TP :10,000※5
5,000
̶
2A
70℃
125℃
50mΩ max.
2A
5A
̶
̶
̶
TP :10,000※5
5,000
4,000※5
2B
10A
̶
̶
̶
̶
5,000
4,000※5
2E
̶
̶
̶
̶
5,000
4,000※5
W2H
̶
̶
̶
̶
̶
4,000
W3A
̶
̶
̶
̶
̶
4,000
※5 Standard packaging:TD(4mm pitch punch paper)
※6 Standard taping specification of 1H is TCM. Previously available“TC(10,000pcs/Reel)”is not recommended for new designs.
If any questions arise whether to use the“Rated Ambient Temperature”or the“Rated Terminal Part Temperature”in your usage conditions, please give priority to the“Rated Terminal Part Temperature”.
For more details, please refer tovIntroduction of the derating curves based on the terminal part temperature”on the beginning of our catalog.
Type
(Inch Size Code)
Dimensions(mm)
Weight(g)
(1000pcs)
L
W
c
d
t
1F(01005)
0.4±0.02
0.2±0.02 0.10±0.03 0.11±0.03 0.13±0.02
0.04
1H(0201)
0.6±0.03
0.3±0.03
0.1±0.05 0.15±0.05 0.23±0.03
0.14
1E(0402)
1.0+0.1
−0.05
0.5±0.05
0.2±0.1
0.25+0.05
−0.1
0.35±0.05
0.68
1E AT(0402)
0.25±0.10
0.3±0.15
1J(0603)
1.6±0.2
0.8±0.1
0.3±0.1
0.3±0.1
0.45±0.1
2.14
1J AT(0603)
0.35±0.15
0.5±0.2
2A(0805)
2.0±0.2
1.25±0.1
0.4±0.2
0.3+0.2
−0.1
0.5±0.1
4.54
2A AT(0805)
0.45±0.25
0.6±0.2
0.55±0.10
2B(1206)
3.2±0.2
1.6±0.2
0.5±0.3
0.4+0.2
−0.1
0.6±0.1
9.14
2B AT(1206)
0.55±0.35
0.8±0.2
2E(1210)
2.6±0.2
0.5±0.3
0.4+0.2
−0.1
15.5
W2H※1(2010)
5.0±0.2
2.5±0.2
0.65±0.15
24.3
W3A※1(2512)
6.3±0.2
3.1±0.2
37.1
■Derating Curve
For resistors operated at an ambient temperature of 70℃ or higher, the current shall be
derated in accordance with the above derating curve.
When the terminal part temperature of the resistor exceeds the rated terminal part
temperature shown above, the power shall be derated according to the derating curve.
※Please refer to“Introduction of the derating curves based on the terminal part
temperature”on the beginning of our catalog before use.
あ1
あ1
100
80
60
40
20
0
-60
-60 -40 -20
0204060
70
125
155
-55
80 100 120 140 160
Ambient temperature(℃)
1H,1E,1J,2A,2B
2E, W2H, W3A
1F
あ1
あ1
100
80
60
40
20
0
-60
-60 -40 -20
0204060
125
155
-55
80 100 120 140 160
Terminal part temperature(℃)
1H,1E,1J, 2A, 2B,
2E, W2H, W3A
■Performance
■Precautions for Use
・The substrate of chip resistors is alumina. Cracks may occur at the connection of solder (solder fillet portion) due to the difference of the coefficient of thermal
expansion from a mounting board when heat stress like heat cycle, etc. are repeatedly given to them. Care should be taken to the occurrence of the cracks when
the change in ambient temperature or ON/OFF of load is repeated, especially when large types of W2H/W3A which have large thermal expansion and also self
heating. By general temperature cycle test using glass-epoxy (FR-4) boards under the maximum/minimum temperatures of operating temperature range, the crack
does not occur easily in the types of 1F∼2E, but the crack tends to occur in the types of W2H/W3A. The occurrence of the crack by heat stress may be
influenced by the size of a pad, solder volume, heat radiation of mounting board etc., so please pay careful attention to designing when a big change in ambient
temperature and conditions for use like ON/OFF of load can be assumed.
Test Items
Performance Requirements
Test Methods
Limit
Typical
Resistance
50mΩ Max. after the test
15mΩ Max. after the test
25℃
Overload(Short time)
50mΩ Max. after the test
18mΩ Max. after the test
Max. overload current, 5s, 1 cycle
Resistance to soldering heat
50mΩ Max. after the test
15mΩ Max. after the test
260℃±5℃, 10s±1s
Rapid change of temperature
50mΩ Max. after the test
15mΩ Max. after the test
Characteristic「Nil」
(Standard):ー55℃(30min.)/+125℃(30min.)100 cycles
Characteristic「A」
(Heat shock resistance):ー55℃(30min.)/+125℃(30min.)1000 cycles
Moisture resistance
100mΩ Max. after the test
18mΩ Max. after the test
40℃±2℃, 90%∼95%RH, 1000h
1.5h ON/0.5h OFF cycle
Endurance at 70℃ or rated
terminal part temperature
100mΩ Max. after the test
18mΩ Max. after the test
70℃±2℃ or rated terminal part temperature ±2℃ 1000h
1.5h ON/0.5h OFF cycle
High temperature exposure
100mΩ Max. after the test
15mΩ Max. after the test
+125℃, 1000h:1F
+155℃, 1000h:1H, 1E, 1J, 2A, 2B, 2E, W2H, W3A
Ambient temperature
Terminal part temperature
■One-Pulse Limiting Electric Power
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
RK73Z 1H-2A
RK73Z 2B-W3A
100
10
1
0.1
0.01
Pulse Duration(ms)
0.001
0.01
0.1
1
10
100
1000
1000
100
10
1
2A
1J
1E
1H
W3A
W2H
2E
2B
Please ask us about the resistance characteristic of continuous applied pulse.
Please calculate One-Pulse Limiting Electric Power using upper limit of
resistance (50mΩ or 100mΩ) for applied current.
The pulse endurance values are not assured values,so be sure to check the
products on actual equipment when you use them.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
Contact our sales representatives before you use our products for applications including automotives, medical equipment and aerospace equipment.
Malfunction or failure of the products in such applications may cause loss of human life or serious damage.
www.koaglobal.com
Oct. 2024



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com