| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S32K310 bảng dữ liệu(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 bảng dữ liệu(HTML) 25 Page - NXP Semiconductors |
|
25 / 142 page ![]() Table 8. Boot time, HSE firmware installed (continued) Symbol Description Min Typ Max Unit Condition Spec Number when HSE firmware is installed. tBOOT_HSE After a POR event, amount of time to execution of the first instruction of the application core, when HSE firmware is installed. — 9.51 — ms Device running from PLL (clocking option B). CORE_CLK = 120 MHz; HSE_CLK = 120 MHz. — tBOOT_HSE After a POR event, amount of time to execution of the first instruction of the application core, when HSE firmware is installed. — 10.91 — ms Device running from PLL (clocking option A). CORE_CLK = 160 MHz; HSE_CLK = 80 MHz. — 6.1.4 HSE firmware memory verification time examples Table 9. HSE firmware memory verification time examples Symbol Description Min Typ Max Unit Condition Spec Number tCMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 CMAC cipher. — 11.3 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tCMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 CMAC cipher. — 176 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tGMAC_64KB Memory verification of 64 KB of application firmware, using AES-128 GMAC cipher. — 3.2 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tGMAC_1024KB Memory verification of 1024 KB of application firmware, using AES-128 GMAC cipher. — 46.8 — ms Device running from FIRC (clocking option D). CORE_CLK = 48 MHz; HSE_CLK = 48 MHz. — tHMAC_64KB Memory verification of 64 KB of — 1.74 — ms Device running from FIRC (clocking option — Table continues on the next page... NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 9, 01/2024 Data Sheet: Technical Data Preliminary Information for S32K388 25 / 142 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |