| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2918702 bảng dữ liệu(PDF) 3 Page - Labfacility Ltd |
|
|
|||||||||||||||||||||||||||||
2918702 bảng dữ liệu(HTML) 3 Page - Labfacility Ltd |
|
3 / 4 page ![]() Datasheet TC Cable - 45 Nov-23 Ordering Information Type Colour Code Cable Style Strand Size Length Manufacturers Code Farnell Order Code K IEC PTFE TWIN TWISTED 1/0.2mm 10m (32.8ft) WK-200-D 2918753 K IEC PTFE TWIN TWISTED 1/0.2mm 25m (82ft) WK-200-D 3358161 K IEC PTFE TWIN TWISTED 1/0.2mm 50m (164.1ft) WK-200-D 1633495 K IEC PTFE TWIN TWISTED 1/0.2mm 100m (328.1ft) WK-200-D 1633497 K IEC PTFE TWIN TWISTED 1/0.315mm 10m (32.8ft) WK-201-D 4073346 K IEC PTFE TWIN TWISTED 1/0.315mm 25m (82ft) WK-201-D 2918709 K IEC PTFE TWIN TWISTED 1/0.315mm 50m (164.1ft) WK-201-D 2918702 K IEC PTFE TWIN TWISTED 1/0.315mm 100m (328.1ft) WK-201-D 4073300 K IEC PTFE TWIN TWISTED 1/0.508mm 10m (32.8ft) WK-202-D 4073343 K IEC PTFE TWIN TWISTED 1/0.508mm 25m (82ft) WK-202-D 2918714 K IEC PTFE TWIN TWISTED 1/0.508mm 50m (164.1ft) WK-202-D 2918697 K IEC PTFE TWIN TWISTED 1/0.508mm 100m (328.1ft) WK-202-D 4073325 K IEC PTFE TWIN TWISTED 7/0.2mm 10m (32.8ft) WK-303-D 3582326 K IEC PTFE TWIN TWISTED 7/0.2mm 25m (82ft) WK-303-D 3582325 K IEC PTFE TWIN TWISTED 7/0.2mm 50m (164.1ft) WK-303-D 3582327 K IEC PTFE TWIN TWISTED 7/0.2mm 100m (328.1ft) WK-303-D 4073310 |