công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2804S bảng dữ liệu(PDF) 2 Page - pro-elec

tên linh kiện 2804S
Giải thích chi tiết về linh kiện  Extension Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PRO-ELEC [pro-elec]
Trang chủ  
Logo PRO-ELEC - pro-elec

2804S bảng dữ liệu(HTML) 2 Page - pro-elec

  2804S Datasheet HTML 1Page - pro-elec 2804S Datasheet HTML 2Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Extension Leads
Page <2>
12/06/12 V1.1
www.farnell.com
www.cpc.co.uk
Item
Conditions
Requirements
Glow wire test
650° / 750° electrically heated
Flame must extinguish within 30 seconds
Temperature rise
14 A, 250 V
Temperature rise must not exceed:
1. Terminals or terminations
: 52 K
2. Accessible surface
: 52 K
Make and break test of
switch
13 A, 250 V, 15,000 times
Voltage drop across each switched pole shall not
exceed 75 mV
Drop test
Fit with 3G1.25 mm2 cable, 2.25 m and
drop at a height of 0.4 m above the floor
No external damage which might affect safety and
no components shall have become detached
Live parts accessibility
Subjected to 1 mm test probe with applied
force of 5 N when they are mounted and
wired as in normal use
Live parts of socket shall not be accessible
Item
Description
Material
1
Socket base and cover
FRPP
2
Conductors (bus bar)
Brass
3
Cover screw
Mild steel nickel plated
4
Switch
Nylon house with brass terminals
5
Shutter
Nylon (PA)
6
Spring
Mild steel
7
Surge component
Metal oxide varistor + thermal fuse + neon indicator (if applicable)
8
Plug
13 A BS 1363 plug
9
Cable
PVC, BS6500 3 × 1.25 mm2
Construction
Description
Part Number
Extension Lead, 4 Gang, INDIV-SW, 2 m
2804S
Extension Lead, 6 Gang, INDIV-SW, 2 m
2806S
Extension Lead, 8 Gang, INDIV-SW, 2 m
2808S
Part Number Table
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro -ELEC is the registered trademark of the Group. © Premier Farnell plc 2012.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com