| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC115D-F bảng dữ liệu(PDF) 23 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC115D-F bảng dữ liệu(HTML) 23 Page - Panasonic Semiconductor |
|
23 / 24 page ![]() T15 17 ds_62001_0106_en_t15: 010314J ELECTRICAL CIRCUIT DIAGRAM 1. Toggle type and Rocker type Remarks: *1. For ON-<ON>, ON-OFF-<ON> type of toggle, if the lever turns to the keyway side, it takes momentary position. *2. For the rocker type, if the actuator turns to the left side in view of the side where a part number is marked, it takes momentary position. *3. Only standard type 2. Push-button type Number of pole 1-pole 2-pole 3-pole 4-pole Toggle type Available Available Available *3 Available *3 Rocker type Available Available — — Terminal arrangement (as seen from terminal side) Actuator shape Toggle type Rocker type ON-OFF 1-3 1-3, 4-6 1-3, 4-6, 7-9 1-3, 4-6, 7-9, 10-12 — — ———— ———— ON-ON ON-<ON> *1 2-3 2-3, 5-6 2-3, 5-6, 8-9 2-3, 5-6, 8-9, 11-12 — — ———— 1-2 1-2, 4-5 1-2, 4-5, 7-8 1-2, 4-5, 7-8, 10-11 ON-OFF-ON <ON>-OFF-<ON> ON-OFF-<ON> *1 2-3 2-3, 5-6 2-3, 5-6, 8-9 2-3, 5-6, 8-9, 11-12 ———— 1-2 1-2, 4-5 1-2, 4-5, 7-8 1-2, 4-5, 7-8, 10-11 Remarks ON-OFF type does not have a terminal no. 2. ON-OFF type does not have terminal no. 2 and 5. ON-OFF type does not have terminal no. 2, 5 and 8. ON-OFF type does not have terminal no. 2, 5, 8 and 11. 1-pole 2-pole Terminal arrangement (as seen from terminal side) Push-button position and contact terminal number 2-3 2-3, 5-6 1-2 1-2, 4-5 Keyway Keyway Keyway Keyway Keyway Right Part No. Keyway Left Keyway Right Part No. Keyway Left *2 Keyway Right Part No. Keyway Center Keyway Left *2 Keyway Keyway Operated |