| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T115D-AF bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
T115D-AF bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor |
|
8 / 24 page ![]() T15 2 ds_62001_0106_en_t15: 010314J TOGGLE PRODUCT TYPES 1. Standard type 1) Solder terminal and .250 Quick-connect terminal 2) Screw terminal Remark: Standard installation accessories are included with the product. Number of poles Kind of operation < >: Momentary position Solder terminal .250 Quick-connect terminal Product no. Product no. 1-pole ON-OFF T115A-F T115A-AF ON-ON T115D-F T115D-AF ON-OFF-ON T115E-F T115E-AF ON-<ON> T115F-F T115F-AF <ON>-OFF-<ON> T115G-F T115G-AF ON-OFF-<ON> T115H-F T115H-AF 2-pole ON-OFF T215K-F T215K-AF ON-ON T215N-F T215N-AF ON-OFF-ON T215P-F T215P-AF ON-<ON> T215R-F T215R-AF <ON>-OFF-<ON> T215S-F T215S-AF ON-OFF-<ON> T215T-F T215T-AF 3-pole ON-OFF T315K-F T315K-AF ON-ON T315N-F T315N-AF ON-OFF-ON T315P-F T315P-AF 4-pole ON-OFF T415K-F T415K-AF ON-ON T415N-F T415N-AF ON-OFF-ON T415P-F T415P-AF Number of poles Kind of operation < >: Momentary position Screw terminal Product no. 1-pole ON-OFF T115A-SF ON-ON T115D-SF ON-OFF-ON T115E-SF ON-<ON> T115F-SF <ON>-OFF-<ON> T115G-SF ON-OFF-<ON> T115H-SF 2-pole ON-OFF T215K-SF ON-ON T215N-SF ON-OFF-ON T215P-SF ON-<ON> T215R-SF <ON>-OFF-<ON> T215S-SF ON-OFF-<ON> T215T-SF 3-pole ON-OFF T315K-SF ON-ON T315N-SF ON-OFF-ON T315P-SF 4-pole ON-OFF T415K-SF ON-ON T415N-SF ON-OFF-ON T415P-SF |