công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC906FD bảng dữ liệu(PDF) 53 Page - NXP Semiconductors

tên linh kiện P89LPC906FD
Giải thích chi tiết về linh kiện  8-bit microcontrollers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC906FD bảng dữ liệu(HTML) 53 Page - NXP Semiconductors

Back Button P89LPC906FD Datasheet HTML 45Page - NXP Semiconductors P89LPC906FD Datasheet HTML 46Page - NXP Semiconductors P89LPC906FD Datasheet HTML 47Page - NXP Semiconductors P89LPC906FD Datasheet HTML 48Page - NXP Semiconductors P89LPC906FD Datasheet HTML 49Page - NXP Semiconductors P89LPC906FD Datasheet HTML 50Page - NXP Semiconductors P89LPC906FD Datasheet HTML 51Page - NXP Semiconductors P89LPC906FD Datasheet HTML 52Page - NXP Semiconductors P89LPC906FD Datasheet HTML 53Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 53 page
background image
© Koninklijke Philips Electronics N.V. 2003.
Printed in the U.S.A.
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 21 November 2003
Document order number: 9397 750 12289
Contents
Philips Semiconductors
P89LPC906/907/908
8-bit microcontrollers with two-clock 80C51 core
1
General description . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.1
Principal features . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2.2
Additional features . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
4
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
5
Pinning information. . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
6
Logic symbols . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
7
Special function registers. . . . . . . . . . . . . . . . . . . . . 14
8
Functional description . . . . . . . . . . . . . . . . . . . . . . . 24
8.1
Enhanced CPU . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.2
Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.2.1
Clock definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8.2.2
CPU clock (OSCCLK) . . . . . . . . . . . . . . . . . . . . . . . 24
8.2.3
Low speed oscillator option (P89LPC906) . . . . . . . . 24
8.2.4
Medium speed oscillator option (P89LPC906). . . . . 24
8.2.5
High speed oscillator option (P89LPC906) . . . . . . . 25
8.2.6
Clock output (P89LPC906) . . . . . . . . . . . . . . . . . . . 25
8.3
On-chip RC oscillator option . . . . . . . . . . . . . . . . . . 25
8.4
Watchdog oscillator option . . . . . . . . . . . . . . . . . . . . 25
8.5
External clock input option (P89LPC906) . . . . . . . . 25
8.6
CPU CLock (CCLK) wake-up delay . . . . . . . . . . . . . 27
8.7
CPU CLOCK (CCLK) modification: DIVM register . . 27
8.8
Low power select . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8.9
Memory organization . . . . . . . . . . . . . . . . . . . . . . . . 27
8.10
Data RAM arrangement . . . . . . . . . . . . . . . . . . . . . . 27
8.11
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
8.11.1
External interrupt inputs . . . . . . . . . . . . . . . . . . . . . . 28
8.12
I/O ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.12.1
Port configurations . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.12.2
Quasi-bidirectional output configuration. . . . . . . . . . 31
8.12.3
Open-drain output configuration. . . . . . . . . . . . . . . . 31
8.12.4
Input-only configuration . . . . . . . . . . . . . . . . . . . . . . 31
8.12.5
Push-pull output configuration . . . . . . . . . . . . . . . . . 31
8.12.6
Port 0 analog functions . . . . . . . . . . . . . . . . . . . . . . 31
8.12.7
Additional port features . . . . . . . . . . . . . . . . . . . . . . 32
8.13
Power monitoring functions . . . . . . . . . . . . . . . . . . . 32
8.13.1
Brownout detection . . . . . . . . . . . . . . . . . . . . . . . . . 32
8.13.2
Power-on detection . . . . . . . . . . . . . . . . . . . . . . . . . 32
8.14
Power reduction modes . . . . . . . . . . . . . . . . . . . . . . 32
8.14.1
Idle mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
8.14.2
Power-down mode . . . . . . . . . . . . . . . . . . . . . . . . . . 33
8.14.3
Total Power-down mode . . . . . . . . . . . . . . . . . . . . . . 33
8.15
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
8.16
Timers/counters 0 and 1 . . . . . . . . . . . . . . . . . . . . . 34
8.16.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.16.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.16.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.16.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
8.16.5
Mode 6 (P89LPC907) . . . . . . . . . . . . . . . . . . . . . . . 34
8.16.6
Timer overflow toggle output (P89LPC907) . . . . . . . 35
8.17
Real-Time clock/system timer. . . . . . . . . . . . . . . . . . 35
8.18
UART (P89LPC908) . . . . . . . . . . . . . . . . . . . . . . . . . 35
8.18.1
Mode 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
8.18.2
Mode 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
8.18.3
Mode 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
8.18.4
Mode 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
8.18.5
Baud rate generator and selection . . . . . . . . . . . . . . 36
8.18.6
Framing error . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
8.18.7
Break detect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
8.18.8
Double buffering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
8.18.9
Transmit interrupts with double buffering
enabled (Modes 1, 2 and 3) . . . . . . . . . . . . . . . . . . . 37
8.18.10
The 9th bit (bit 8) in double buffering (Modes 1, 2 and
3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
8.19
Analog comparator . . . . . . . . . . . . . . . . . . . . . . . . . . 37
8.20
Internal reference voltage . . . . . . . . . . . . . . . . . . . . . 37
8.21
Comparator interrupt. . . . . . . . . . . . . . . . . . . . . . . . . 37
8.22
Comparator and power reduction modes . . . . . . . . . 38
8.23
Keypad interrupt (KBI) . . . . . . . . . . . . . . . . . . . . . . . 38
8.24
Watchdog timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
8.25
Additional features . . . . . . . . . . . . . . . . . . . . . . . . . . 39
8.25.1
Software reset. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
8.25.2
Dual data pointers. . . . . . . . . . . . . . . . . . . . . . . . . . . 40
8.26
Flash program memory. . . . . . . . . . . . . . . . . . . . . . . 40
8.26.1
General description. . . . . . . . . . . . . . . . . . . . . . . . . . 40
8.26.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
8.26.3
Flash organization . . . . . . . . . . . . . . . . . . . . . . . . . . 40
8.26.4
Flash programming and erasing . . . . . . . . . . . . . . . . 40
8.26.5
In-circuit programming (ICP). . . . . . . . . . . . . . . . . . . 41
8.26.6
In-application programming (IAP-Lite) . . . . . . . . . . . 41
8.26.7
Using flash as data storage . . . . . . . . . . . . . . . . . . . 41
8.26.8
User configuration bytes . . . . . . . . . . . . . . . . . . . . . . 41
8.26.9
User sector security bytes . . . . . . . . . . . . . . . . . . . . 41
9
Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
10
Static characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 43
11
Dynamic characteristics . . . . . . . . . . . . . . . . . . . . . . 45
12
Comparator electrical characteristics . . . . . . . . . . . 46
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
14
Soldering. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
14.1
Introduction to soldering surface mount packages . . 48
14.2
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
14.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
14.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
14.5
Package related soldering information . . . . . . . . . . . 49
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
16
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
17
Definitions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
18
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com