công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCF.91.131.2LT bảng dữ liệu(PDF) 13 Page - LEMO Connectors

tên linh kiện DCF.91.131.2LT
Giải thích chi tiết về linh kiện  Blanking caps for fixed and free receptacles
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEMO [LEMO Connectors]
Trang chủ  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

DCF.91.131.2LT bảng dữ liệu(HTML) 13 Page - LEMO Connectors

Back Button DCF.91.131.2LT Datasheet HTML 9Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 10Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 11Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 12Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 13Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 14Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 15Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 16Page - LEMO Connectors DCF.91.131.2LT Datasheet HTML 17Page - LEMO Connectors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
LEMO USA • 800-444-5366 • www.lemousa.com
● Standard, typically 0-6 weeks delivery for quantities of 250 or less.
●
●
Non-standard product, contact LEMO USA, typically 6-12 weeks delivery for quantities of 250 or less.
Non-standard product is defined as any product which contains one or more components which are not standard.
Data Subject to Change
138
LEMO USA • 800-444-5366 • www.lemousa.com
LEMO USA • 800-444-5366 • www.lemousa.com
LEMO USA • 800-444-5366 • www.lemousa.com
4.0
41
4.4
4.0
●
●
2B
4.5
41
5.0
4.5
●
●
5.1
41
5.6
5.1
●
●
2S
FFM.2S.130.LC
5.7
41
6.2
5.7
●
●
6.3
41
7.0
6.3
●
●
7.1
41
7.9
7.1
●
●
2C-2G
FFM.2C.130.LC
8.0
41
9.0
8.0
●
●
Ref.
A
B
G
J
M
Color
blue
white
grey
yellow
brown
Ref.
N
R
S
V
Color
black
red
orange
green
Note:
The selection of pigments, which should remain
stable at high temperature, is limited by new regulations.
For this reason, some colors will be a shade different from
those used for Desmopan bend reliefs. The selected
solutions represent the best possible compromise.
A bend relief has been designed for connectors
used in applications at high temperature or
requiring vapor sterilization.
These bend reliefs are different from previous ones;
their material, a silicone elastomer, is noted for its
retention of flexibility over a wide temperature
range. They are available in nine colors.
Use the part numbers shown below to order this
accessory separately.
Bend relief (Silicone)
GMA
L
Main characteristics
●
Material: Silicone elastomer VMQ
●
Temperature range in dry atmosphere: -106° F to +392° F
●
Temperature range in water steam: +284° F
●
Inflammability: not flammable (no UL classification)
Part number
Dimensions (mm)
Bend relief
Cable ø
Series
AL
max. min.
Part number
of nut for fitting
the bend relief
Note
Note:
The last letter «G» of the part number indicates the grey color of the bend relief. For ordering a bend relief with another color, see table on this
page and replace the letter «G» by the letter of the required color.
See also detailed information for each series: B series on page 55; S series on page 110.
2.5
27
2.9
2.5
●
●
0B
3.0
27
3.4
3.0
●
●
●
●
3.5
27
3.9
3.5
0S
FFM.0S.130.LC
4.0
27
4.4
4.0
●
●
4.5
27
5.2
4.5
●
●
2.5
34
2.9
2.5
●
●
1B
3.0
34
3.4
3.0
●
●
3.5
34
3.9
3.5
●
●
4.0
34
4.4
4.0
●
●
1S
FFM.1S.130.LC
4.5
34
5.0
4.5
●
●
5.1
34
5.6
5.1
●
●
5.7
34
6.2
5.7
●
●
6.3
34
7.0
6.3
●
●
1) For use only with connectors from series 2B equipped
with cable fixing type M and where a bend relief from series
0B is used.
1)For use only with connectors from series 3B equipped witt
cable fixing type M and where a bend relief from series 1B is
used.
GMA.0B.025.RG
GMA.0B.030.RG
GMA.0B.035.RG
GMA.0B.040.RG
GMA.0B.045.RG
GMA.2B.040.RG
GMA.2B.045.RG
GMA.2B.051.RG
GMA.2B.057.RG
GMA.2B.063.RG
GMA.2B.071.RG
GMA.2B.080.RG
GMA.1B.025.RG
GMA.1B.030.RG
GMA.1B.035.RG
GMA.1B.040.RG
GMA.1B.045.RG
GMA.1B.051.RG
GMA.1B.057.RG
GMA.1B.063.RG
FFM.0B.130.LC
FFM.2B.132.LC 1)
FFM.1B.130.LC
FFM.3B.131.LC 1)
1)For use only with connectors from series 4B equipped with
cable fixing type M and where a bend relief from series 2B is
used.
FFM.2B.130.LC
FFM.4B.132.LC 1)
Avail-
ability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com