công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EYGS0612ZLSF bảng dữ liệu(PDF) 6 Page - Panasonic Semiconductor

tên linh kiện EYGS0612ZLSF
Giải thích chi tiết về linh kiện  “GraphiteTIM (Compressible Type)” PGS with low thermal resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0612ZLSF bảng dữ liệu(HTML) 6 Page - Panasonic Semiconductor

  EYGS0612ZLSF Datasheet HTML 1Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 2Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 3Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 4Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 5Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 6Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Graphite Sheets, Graphite-PAD, Graphite-TIM
■Do not use the products beyond the descriptions in this catalog.
■This catalog guarantees the quality of the products as individual components.
Before you use the products, please make sure to check and evaluate the products in the
circumstance where they are installed in your product.
■This product was designed and manufactured for standard applications such as general electronics
devices, office equipment, information and communications equipment, measuring instruments,
household appliances and audio-video equipment.
For applications in which special quality and reliability are required, or if the failure or malfunction
of the products may directly jeopardize life or cause threat of personal injury (such as for aircraft
and aerospace equipment, traffic and transport equipment, combustion equipment, medical
equipment, accident prevention and anti-theft devices, and safety equipment), please be sure to
consult with our sales representative in advance and to exchange product catalog which conform
to such applications.
■We are trying to improve the quality and the reliability, but the durability differs depending on the
use environment and the use conditions. On use, be sure to confirm the actual product under the
actual use conditions.
■Install the following systems for a failsafe design to ensure safety if these products are to be used
in equipment where a defect in these products may cause the loss of human life or other signification
damage, such as damage to vehicles (automobile, train, vessel), traffic lights, medical equipment,
aerospace equipment, electric heating appliances, combustion/ gas equipment, rotating equipment,
and disaster/crime prevention equipment.
・The system is equipped with a protection circuit and protection device.
・The system is equipped with a redundant circuit or other system to prevent an unsafe status in
the event of a single fault.
・The system is equipped with an arresting the spread of fire or preventing glitch.
■When a dogma shall be occurred about safety for this product, be sure to inform us rapidly, operate
your technical examination.
■The temperature of this product at the time of use changes depending on mounting conditions and
usage conditions, therefore, please confirm that the temperature of this product is the specified
temperature after mounting it.
■This product does not take the use under the following special environments into consideration.
Accordingly, the use in the following special environments, and such environmental conditions may
affect the performance of the product; prior to use, verify the performance, reliability, etc.
thoroughly.
1) Use in liquids such as water, oil, chemical, and organic solvent.
2) Use under direct sunlight, in outdoor or in dusty atmospheres.
3) Use in places full of corrosive gases such as sea breeze, Cl2, H2S, NH3, SO2, and NOX.
4) Use the product in a contaminated state.
5) Use in acid.
6) Use outside the range defined by the operating temperature range.
7) Use under reduced pressure or vacuum.
Precautions on the whole
Safety and design considerations
1-Oct-19
  Application Guidelines



Html Pages

1 2 3 4 5 6 7