công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP2-DC5V bảng dữ liệu(PDF) 2 Page - Panasonic Semiconductor

tên linh kiện SP2-DC5V
Giải thích chi tiết về linh kiện  2 Form C 15 A, 4 Form C 10 A, Polarized power relays
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-DC5V bảng dữ liệu(HTML) 2 Page - Panasonic Semiconductor

  SP2-DC5V Datasheet HTML 1Page - Panasonic Semiconductor SP2-DC5V Datasheet HTML 2Page - Panasonic Semiconductor SP2-DC5V Datasheet HTML 3Page - Panasonic Semiconductor SP2-DC5V Datasheet HTML 4Page - Panasonic Semiconductor SP2-DC5V Datasheet HTML 5Page - Panasonic Semiconductor SP2-DC5V Datasheet HTML 6Page - Panasonic Semiconductor SP2-DC5V Datasheet HTML 7Page - Panasonic Semiconductor SP2-DC5V Datasheet HTML 8Page - Panasonic Semiconductor SP2-DC5V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB208E 202304
Panasonic Industry Co., Ltd. 2023
FEATURES
High sensitivity: Rated operating power 300 mW
Plug-in terminal/PC board terminal
Latching types also available
Mounts directly on chassis and the mounting board
is also available to enable DIN rail installation
Terminal sockets are available
2 Form C 15 A, 4 Form C 10 A, Polarized power relays
SP RELAYS
Power Relays (Over 2 A)
20.5
20.5
20.5
20.5
50
50
50
50
25.6
25.6
36.8
36.8
(
Unit:mm)
Protective construction:Dust cover type
SP
Contact arrangement
2:2 Form C
4:4 Form C
Operating function
Nil:Single side stable
 
L :1 coil latching
 
L2:2 coil latching
Terminal shape
Nil:Plug-in type
P :PC board type
Rated coil voltage(DC)
3, 5, 6, 12, 24, 48V
Notes:PC board type and 1 coil latching type are manufactured by lot upon receipt of order.
Terminal shape・Operating function
0:Plug-in type, Single side stable
1:Plug-in type, 1 coil latching*
2:Plug-in type, 1 coil latching
3:PC board type, Single side stable*
4:PC board type, 1 coil latching*
5:PC board type, 2 coil latching*
AR 1
Contact arrangement
2 : 2 Form C
4 : 4 Form C
*PC board type and 1 coil latching type are manufactured by lot upon receipt of order.
Rated coil voltage(DC)
Part No.
Rated coil voltage(V)
1
12
0
6
3
48
8
3
2
24
9
5
ORDERING INFORMATION (TYPE NO. : Ordering part number for non Japanese market)
ORDERING INFORMATION (PART NO. : Ordering part number for Japanese market)
ー 1 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com