công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EYGS121801 bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện EYGS121801
Giải thích chi tiết về linh kiện  “PGS” Graphite Sheets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS121801 bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  EYGS121801 Datasheet HTML 1Page - Panasonic Semiconductor EYGS121801 Datasheet HTML 2Page - Panasonic Semiconductor EYGS121801 Datasheet HTML 3Page - Panasonic Semiconductor EYGS121801 Datasheet HTML 4Page - Panasonic Semiconductor EYGS121801 Datasheet HTML 5Page - Panasonic Semiconductor EYGS121801 Datasheet HTML 6Page - Panasonic Semiconductor EYGS121801 Datasheet HTML 7Page - Panasonic Semiconductor EYGS121801 Datasheet HTML 8Page - Panasonic Semiconductor EYGS121801 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
“PGS” Graphite Sheets
*1 : Withstand temperature refers to PGS only. (Lamination material such as PET tape etc. is not included)
✽ Values are for reference, not guaranteed.
*2 : Values are for reference, not guaranteed.
✽ Characteristics refer to Elastomer resin only.
Characteristics of PGS Graphite Sheets
Characteristics of SSM (Elastomer)
0.025±0 .010 mm
0.017±0 .005 mm
0.010±0 .002 mm
1.90 g/cm3
2.10 g/cm3
2.13 g/cm3
25 μm
17 μm
10 μm
1950 W/(m·K)
20000 S/cm
40.0 MPa
400 ℃
10000 cycles
20000 S/cm
30.0 MPa
1850 W/(m·K)
20000 S/cm
40.0 MPa
Bending(angle 180,R5)
1600 W/(m·K)
38 mN/cm
> 17 kVac/mm
4.05 %
8.66 %
22.13 %
4.43 %
14.04 %
40.49 %
9.58 %
18.41 %
> 10×1014Ω·cm
39
39 mN/cm
4.93 %
7.53 (C·cm2)/W
6.71 (C·cm2)/W
5.90 (C·cm2)/W
14.82 (C·cm2)/W
13.17 (C·cm2)/W
10.73 (C·cm2)/W
19.48 (C·cm2)/W
Thickness
Density
Thermal conductivity
a-b plane
Electrical conductivity
Extensional strength
Expansion
coefficient
a-b plane
Heat resistance *1
c axis
300 kPa
SUS
Aluminum
31 mN/cm
Thickness
1 mm
2 mm
3 mm
100 kPa
200 kPa
300 kPa
1.6 W/(m·K) *2
Dielectric voltage
Thermal
resistance
Compressibility
10000 S/cm
25.0 MPa
9.3×10-7 1/K
3.2×10-5 1/K
10000 S/cm
20.0 MPa
9.3×10-7 1/K
10000 S/cm
20.0 MPa
9.3×10-7 1/K
3.2×10-5 1/K
0.07±0.015 mm
1.21 g/cm3
1000 W/(m·K)
1.70 g/cm3
1300 W/(m·K)
0.040±0 .012 mm
1.80 g/cm3
1350 W/(m·K)
0.050±0 .015 mm
Thickness
50 μm
Density
Thermal conductivity
a-b plane
100 μm
70 μm
0.10±0.03 mm
Bending(angle 180,R5)
a-b plane
c axis
Electrical conductivity
Extensional strength
Expansion
coefficient
Heat resistance *1
10000 S/cm
20.0 MPa
9.3×10-7 1/K
3.2×10-5 1/K
400 ℃
10000 cycles
3.2×10-5 1/K
40 μm
0.85 g/cm3
700 W/(m·K)
Should a safety concern arise regarding this product, please be sure to contact us immediately.
01-Apr-21
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
9.3×10-7 1/K
9.3×10-7 1/K
9.3×10-7 1/K
3.2×10-5 1/K
3.2×10-5 1/K
3.2×10-5 1/K
Specific heat
Density
1.4 J/(g·C)
1.88 g/cm3
16.01 (C·cm2)/W
11.38 (C·cm2)/W
Hardness (Type E)
Glass
Adhesive
force
Thermal conductivity
Resistivity
100 kPa
200 kPa



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com