| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR1081 bảng dữ liệu(PDF) 13 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR1081 bảng dữ liệu(HTML) 13 Page - DFROBOT |
|
13 / 14 page ![]() RPCS3 for PS3 and even YUZU of Nintendo Switch! Plus when you need more GPU power you can connect an eGPU and turn it into a real gaming SBC! 3. Review: This Single Board Computer is Faster than a Mac Mini AND a Raspberry Pi Introduction: This single-board computer integrates a 12-core processor, fast memory with in-band ECC support, lots of expandability, and even an integrated Arduino controller with GPIO pins. That makes the LattePanda Sigma a step beyond the Apple Mac Mini M2 (and M1) and in another stratosphere than a Raspberry Pi. This is interesting not just for the #Homelab but also those building edge applications that need a faster CPU and GPU on a SBC. DOCUMENTS • Product Wiki • Certificates Documentation • Pin-out Diagram • Datasheets Tutorials • Installing Ubuntu Operating System • Using eDP Touch Display • Set up Auto Power-on Download • Operating System • Drivers & Software • 3D Model SHIPPING LIST • LattePanda Sigma Single Board Server x1 • Active Cooling Fan (Assembled) x1 • Metal Protective Bottom Plate x1 • Thermal Pads for M.2 SSD x2 • Power Adapter with DC cable x1 • AC Cable(EU & US & UK) for power adapter x3 • RTC Battery (Assembled)x 1 |