| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR1071 bảng dữ liệu(PDF) 2 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR1071 bảng dữ liệu(HTML) 2 Page - DFROBOT |
|
2 / 12 page ![]() This series of DAC products not only offers a variety of output signal ranges, but also provides three selectable resolutions: 8-bit, 12-bit, and 15-bit. It allows for the choice of either single-channel or dual- channel configurations, and multiple modules can be cascaded to form a multi-channel output. When coupled with Arduino controllers, Raspberry Pi, STM32, and similar controllers, it finds application in various automation control scenarios, including: Laboratory testing equipment Automatic motor speed control Indoor and outdoor lighting control Automated volume adjustment Backlight control for displays etc. The following table presents the functional parameters of each DAC product for reference in the selection process. INTRODUCTION DFR1071-GP8211S (1- Channel 15-bit I2C to 0- 5V/10V DAC Module) FUNCTIONS FEATURES DIMENSION FUNCTIONAL DIAGRAM SPECIFICATIONS TUTORIAL More Documents FAQ 2024/5/14 18:33 SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC WIKI https://wiki.dfrobot.com/SKU_DFR1071_1_Channel_15bit_I2C_to_0-10V_DAC 2/12 |