công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLSR 10-SM bảng dữ liệu(PDF) 4 Page - LEM

tên linh kiện HLSR 10-SM
Giải thích chi tiết về linh kiện  Current Transducer HLSR-SM series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEM [LEM]
Trang chủ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR 10-SM bảng dữ liệu(HTML) 4 Page - LEM

  HLSR 10-SM Datasheet HTML 1Page - LEM HLSR 10-SM Datasheet HTML 2Page - LEM HLSR 10-SM Datasheet HTML 3Page - LEM HLSR 10-SM Datasheet HTML 4Page - LEM HLSR 10-SM Datasheet HTML 5Page - LEM HLSR 10-SM Datasheet HTML 6Page - LEM HLSR 10-SM Datasheet HTML 7Page - LEM HLSR 10-SM Datasheet HTML 8Page - LEM HLSR 10-SM Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Page 4/13
7September2015/Version 8
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HLSR-SM series
Electrical data HLSR 10-SM
At T
A = 25 °C, UC = +5 V, RL = 10 kΩ unless otherwise noted (see Min, Max, typ. definition paragraph in page 10).
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal rms current
I
PN
A
10
Primary current, measuring range
I
PM
A
−25
25
For U
C > 4.6 V
Number of primary turns
N
P
-
1
Resistance of primary jumper @ T
A = 25 °C
R
P
mΩ
0.21
Resistance of primary jumper @ T
A = 105 °C
R
P
mΩ
0.29
T jumper = 120 °C
Supply voltage 1)
U
C
V
4.5
5
5.5
Current consumption
I
C
mA
19
25
Reference voltage (output)
V
ref
V
2.48
2.5
2.52
Internal reference
Reference voltage (input)
V
ref
V
0.5
2.65
External reference
Output voltage range @ I
PM
V
out − Vref
V
−2
2
Over operating
temperature range
V
ref output resistance
R
ref
Ω
130
200
300
series
V
out output resistance
R
out
Ω
2
5
series
Capacitive loading
C
L
nF
0
6
Electrical offset voltage @ I
P = 0
V
OE
mV
−5
5
V
out − Vref @ Vref = 2.5 V
Electrical offset current referred to primary
I
OE
mA
−62.5
62.5
Temperature coefficient of V
ref
TCV
ref
ppm/K
−170
170
−40 °C … 105 °C
Temperature coefficient of V
OE
TCV
OE
mV/K
−0.075
0.075 −40 °C … 105 °C
Temperature coefficient of I
OE
TCI
OE
mA/K
−0.94
0.94
−40 °C … 105 °C
Theoretical sensitivity
G
th
mV/A
80
800 mV @ I
PN
Sensitivity error
ε
G
%
−0.5
0.5
Factory adjustment
Temperature coefficient of G
TCG
ppm/K
−200
200
−40 °C … 105 °C
Linearity error 0 … I
PN
ε
L
% of I
PN
−0.5
0.5
Linearity error 0 … I
PM
ε
L
% of I
PM
−0.5
0.5
Magnetic offset current
(@ 10 × I
PN) referred to primary
I
OM
A
−0.25
0.25
Reaction time @ 10 % of I
PN
t
ra
µs
2
@ 50 A/µs
Response time @ 90 % of I
PN
t
r
µs
2.5
@ 50 A/µs
Frequency bandwidth (−3 dB)
BW
kHz
400
Output rms voltage noise spectral density
100 Hz … 100 kHz
e
no
µV/ Hz
√
28
Output voltage noise
DC … 10 kHz
DC … 100 kHz
DC … 1 MHz
V
no
mVpp
17.5
46.1
65.7
Accuracy @ I
PN
X
% of I
PN
−1
1
Accuracy @ I
PN @ TA = +85 °C
X
85 °C
% of I
PN
−2.9
2.9
See formula note 2)
Accuracy @ I
PN @ TA = +105 °C
X
105 °C
% of I
PN
−3.4
3.4
See formula note 2)
Notes: 1) 3.3 V SP version available
2) Accuracy @ T
A (% of IPN) = X + (
× (T
A –25) +
× 100 ×
(T
A –25)).
TCG
10000
TCI
OE
1000 × I
PN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com