công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F3AEP bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện MMPF0100F3AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F3AEP bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  MMPF0100F3AEP Datasheet HTML 1Page - NXP Semiconductors MMPF0100F3AEP Datasheet HTML 2Page - NXP Semiconductors MMPF0100F3AEP Datasheet HTML 3Page - NXP Semiconductors MMPF0100F3AEP Datasheet HTML 4Page - NXP Semiconductors MMPF0100F3AEP Datasheet HTML 5Page - NXP Semiconductors MMPF0100F3AEP Datasheet HTML 6Page - NXP Semiconductors MMPF0100F3AEP Datasheet HTML 7Page - NXP Semiconductors MMPF0100F3AEP Datasheet HTML 8Page - NXP Semiconductors MMPF0100F3AEP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
4
NXP Semiconductors
PF0100
ORDERABLE PARTS
1
Orderable parts
The PF0100 is available with both pre-programmed and non-programmed OTP memory configurations. The non-programmed device uses
“NP” as the programming code. The pre-programmed devices are identified using the program codes from Table 1, which also list the
associated NXP reference designs where applicable. Details of the OTP programming for each device can be found in Table 10.
Table 1. Orderable Part Variations
Part Number
Temperature (TA)
Package
Programming
Reference Designs
Notes
MMPF0100NPAEP
-40 °C to 85 °C
(for use in consumer
applications)
56 QFN 8x8 mm - 0.5 mm pitch
E-Type QFN (full lead)
NP
N/A
(1), (2)
MMPF0100F0AEP
F0
MCIMX6Q-SDP
MCIMX6Q-SDB
MCIMX6DL-SDP
MMPF0100F1AEP
F1
MCIMX6SLEVK
(1), (2), (3)
MMPF0100F2AEP
F2
N/A
MMPF0100F3AEP
F3
N/A
(1), (2)
MMPF0100F4AEP
F4
N/A
MMPF0100F6AEP
F6
MCIMX6SX-SDB
MMPF0100FCAEP
FC
N/A
(1), (2)
MMPF0100FDAEP
FD
MCIMX6SLLEVK
MMPF0100NPANES
-40 °C to 105 °C
(for use in extended
industrial applications)
56 QFN 8x8 mm - 0.5 mm pitch
WF-Type QFN (wettable flank)
NP
N/A
(1), (2), (4)
MMPF0100F0ANES
F0
MCIMX6Q-SDP
MCIMX6Q-SDB
MCIMX6DL-SDP
(1), (2)
MMPF0100F3ANES
F3
N/A
MMPF0100F4ANES
F4
N/A
MMPF0100F6ANES
F6
MCIMX6SX-SDB
MMPF0100F9ANES
F9
N/A
(1), (2), (4)
MMPF0100FAANES
FA
N/A
MMPF0100FBANES
FB
N/A
MMPF0100FCANES
FC
N/A
(1), (2)
Notes
1.
For tape and reel, add an R2 suffix to the part number.
2.
For programming details see Table 10. The available OTP options are not restricted to the listed reference designs. They can be used in any
application where the listed voltage and sequence details are acceptable.
3.
For designs using the i.MX 6SoloLite, it is recommended to use the F3 OTP option instead of the F1 OTP option and F4 OTP option instead of
the F2 OTP option.
4.
SW2 can support an output current rating of 2.5 A in NP, F9, and FA Industrial versions only (ANES suffix) when SW2ILIM=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com