công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5016 bảng dữ liệu(PDF) 5 Page - THAT Corporation All rights reserved.

tên linh kiện 5016
Giải thích chi tiết về linh kiện  THAT 626x 2-Channel Digitally-Controlled Mic Preamp-ADC Driver Demonstration System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

5016 bảng dữ liệu(HTML) 5 Page - THAT Corporation All rights reserved.

  5016 Datasheet HTML 1Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 2Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 3Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 4Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 5Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 6Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 7Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 8Page - THAT Corporation All rights reserved. 5016 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
THAT 626x DEMO Datasheet
Page 5 of 20
Document 600194 Rev 00
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2018, THAT Corporation; All rights reserved
Power
Bipolar vs. Unipolar Operation
The THAT626x family of parts have the ability to be
powered from a bipolar supply (± 5 V typical) or from a
unipolar supply (+10 V typical). In Unipolar mode, Vad,
the ADC driver supply, is generated from an on-board
+5 V regulator. This capability allows the 626x to easily
fit a variety of applications ranging from professional
portable recorders to POE (Power over Ethernet)
installations.
While operation in either mode is
straightforward,
with
very
similar
performance
specifications, there are a few important differences that
should be brought to your attention when considering
the power supply options.
1)
Clamp Diodes: The clamp diodes, (D102,
D103, D104, and D105 on the IC Module) which are
used to prevent exceeding the Common-Mode input
range of the ADC driver, are only required for bipolar
operation. These 4 diodes and the associated Vclmp
voltage divider network are not required in unipolar
mode and can be eliminated in the final product design.
These diodes do no harm in unipolar mode and the
demo board leaves them connected in both modes for
simplicity.
2)
ADC Driver Vcm voltage: The optimum ADC
Driver VCM voltage required in order to insure that the
driver can swing the full 2 Vrms is +2.5 V in bipolar
mode and +3.1 V in unipolar mode. This voltage is
automatically switched using the Voltage Select Module.
The demonstration system provides both dc and ac
coupled outputs on three pin headers for driving ADCs.
We recommend using the dc outputs in bipolar mode
and the ac outputs in unipolar mode. Please refer to the
626x data sheet for a detailed discussion concerning the
optimum VCM operating conditions.
3)
Polarized capacitor orientation: In unipolar
mode, the 626x’s inputs are biased at +5 V and the
resulting bias across the input coupling capacitors (C13,
C19, C32, and C42) changes polarity depending on the
state of the phantom power switch. Also, the inter-stage
coupling capacitors on the IC Module (C2, C3, C22, and
C23) are biased in opposite directions depending on
bipolar or unipolar operation. For this reason, you will
notice that the aforementioned capacitors used in the
demonstration system are of the Non-Polar (NP) type. In
the case of C2, C3, C22 and C23 this was done for
convenience and more cost effective fixed polarity
capacitors can be used in your final design depending on
the specifics of your application.
On Board Regulators and Phantom Power
The demonstration system requires a ± 5 V (± 5.5 V
max) external power supply for bipolar mode operation
or a single +10 V (+11.0 max) supply for unipolar
operation. The on-board +5 V regulator is used in
unipolar mode in order to provide +5 V required to
power the ADC driver stage. The USB interface (U3)
runs on USB bus power, supplied by the host PC. An
external+48 V phantom power supply can also be used
for powering microphones if desired. Phantom power is
activated by the switch SW1 and the associated LED will
light up when active. Note, the LED will not light in
either switch position if the external 48 V is not
connected. The ground return for +48 V phantom power
is via the chassis ground and connects to the Analog
ground via the zero ohm resistor R80. The +5 V input
(or the output of the internal 5 V regulator) is regulated
on board to the 3.3 V required for the digital logic.
Audio Inputs
The Neutrik combo connector accepts an XLR or ¼"
TRS cable. The 1/4" TRS signal path includes a 10 dB
pad in order to support line level inputs up to
+26.5dBu. The input impedance is 3.02k at the XLR
inputs and 10k looking in from the ¼” inputs. Pads for
an additional shunt resistor (R100 and R101) have been
provided across the inputs in order to easily facilitate
input impedance modifications.
ADC Driver Outputs
The demo board is assembled with the driver output
configured in accordance with the filter configuration
often recommended by the ADC manufactures. This
includes a 90.9 ohm resistor inside the driver feedback
loop (R7, R12, R23, and R32), located on the pre-
amp/ADC module and a 680 pF feedback capacitor (C9,
C15, C29, and C35), also located on the preamp/ ADC
module. Pads have also been included on the mother
board for the typically recommended 2.7nF shunt
capacitor. This shunt capacitor should be located as
close as possible to the actual ADC converter’s input
pins if using the 626x demonstration system to drive a
converter for your test measurements. When using the
demonstration system without a converter, the pads
provide a convenient location for the capacitor when
making filter measurements.
A zero ohm resistor (R11, R15, R29 and R33) has
been placed in series with the 3-pin output headers on
the motherboard in order to provide a convenient means
for implementing alternate output filter configurations.
There is also a prototyping area available on the board if
more substantial output filtering modifications are
required for your particular ADC. There are two 3-pin
output headers on each channel, one is dc coupled for
use in bipolar mode, while the other is ac coupled for
use in the unipolar mode. Please note that the XLR
output is ac coupled and has a 49.9 ohm series resistor
for isolation. This XLR output is intended to drive your
general purpose test equipment.
VCM IN
The demo board provides the option for biasing the
ADC driver outputs directly from the ADC’s common-
mode reference voltage via the VCM IN header (P15).
Please note that reference voltage available on most
Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com