công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THAT2180A bảng dữ liệu(PDF) 5 Page - THAT Corporation All rights reserved.

tên linh kiện THAT2180A
Giải thích chi tiết về linh kiện  Blackmer® Pre-Trimmed IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THAT [THAT Corporation All rights reserved.]
Trang chủ  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2180A bảng dữ liệu(HTML) 5 Page - THAT Corporation All rights reserved.

  THAT2180A Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2180A Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
negative control port. Because of the exponential
characteristic, the control voltage sets gain linearly
in decibels. Figure 6 shows the decibel current gain
of a 2180 versus the voltage at Ec+, while Figure 7
shows gain versus the Ec-.
Temperature Effects
The logging and antilogging in the VCA depends
on the logarithmic relationship between voltage and
current in a semiconductor junction (in particular,
between a transistor's Vbe and Ic). As is well known,
this relationship is temperature dependent. There-
fore, the gain of any log-antilog VCA depends on its
temperature.
Figure 8 shows the effect of temperature on the
negative control port. (The positive control port behaves
in the same manner.) Note that the gain at Ec = 0 V is
0 dB, regardless of temperature. Changing temperature
changes the scale factor of the gain by 0.33%/°C, which
pivots the curve about the 0 dB point.
Mathematically, the 2180's gain characteristic is
,
Eq. 1
Gain
=
EC+ − EC−
(0.0061)(1+0.0033 T)
where ∆T is the difference between room
temperature (25°C) and the actual temperature,
and Gain is the gain in decibels. At room
temperature, this reduces to
,
Eq. 2
Gain
=
EC+ − EC−
0.0061
If only the positive control port is used, this
becomes
,
Eq. 3
Gain
=
EC+
0.0061
If only the negative control port is used, this
becomes
,
Eq. 4
Gain
=
EC−
0.0061
DC Bias Currents
The 2180 current consumption is determined by
the resistor between pin 5 (V-) and the negative
supply voltage (VEE). Typically, with 15V supplies, the
resistor is 5.1 kΩ, which provides approximately
2.4 mA. This current is split into two paths: 570 μA
is used for biasing the IC, and the remainder
becomes Icell as shown in Figure 5. Icell is further
split in two parts: about 20 μA biases the core
transistors (Q1 through Q4), the rest is available for
input and output signal current.
DC Feedthrough
Normally, a small dc error term flows in pin 8
(the output). When the gain is changed, the dc term
changes. This control-voltage feedthrough is more
pronounced with gain; the –A version of the part
produces the least feedthrough, the –C version the
most. See Figure 9 for typical curves for dc offset vs.
gain
Audio Performance
The 2180-Series VCA design, fabrication and
testing ensure extremely good audio performance
when used as recommended. In particular, the 2180
maintains low distortion over a wide range of gain,
cut and signal levels. Figures 10 through 12 show
typical distortion performance for representative
samples of each grade of the part. Figure 13 shows
the harmonic content of the distortion in a typical
B-grade part.
THAT 2180 Series
Page 5 of 12
Document 600029 Rev 02
Blackmer® Pre-trimmed IC VCAs
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2008, THAT Corporation
Figure 9. Representative DC Offset vs. Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com