công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPT7910SCU bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện SPT7910SCU
Giải thích chi tiết về linh kiện  12-BIT, 10 MSPS, ECL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SPT7910SCU bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SPT7910SCU Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 9Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 10Page - List of Unclassifed Manufacturers SPT7910SCU Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SPT
9
3/11/97
SPT7910
Figure 3 - Output Circuit
Data Out
•
AGND
•
DGND
•
•
OVERRANGE OUTPUT
The OVERRANGE OUTPUT (D12) is an indication that the
analog input signal has exceeded the full scale input voltage
by 1 LSB. When this condition occurs, the output will switch
to logic 1. All other data outputs are unaffected by this
operation. This feature makes it possible to include the
SPT7910 into higher resolution systems.
EVALUATION BOARD
The EB7910 Evaluation Board is available to aid designers in
demonstrating the full performance of the SPT7910. This
board includes a reference circuit, clock driver circuit, output
data latches and an on-board reconstruction of the digital
data. An application note (AN7910) describing the operation
of this board as well as information on the testing of the
SPT7910 is also available. Contact the factory for price and
availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11