| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
575T05DF bảng dữ liệu(PDF) 3 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
575T05DF bảng dữ liệu(HTML) 3 Page - CTS Corporation |
|
3 / 4 page ![]() Document No. 008-0307-0 Page 3 - 4 Rev. A ٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠ Model 575 7x5mm Ceramic Package Clipped Sinewave VCTCXO MECHANICAL SPECIFICATIONS PACKAGE DRAWING MARKING INFORMATION 1 (0.8 ±0.1) 0.031 ±0.004 4 3 2 Inch (mm) Key: (1.9 ±0.1) 0.075 ±0.004 (1.4 ±0.1) 0.197 ±0.008 (5.0 ±0.2) 0.079 0.276 ±0.008 0.055 ±0.004 0.106 ±0.004 (2.7 ±0.1) (7.0 ±0.2) MAX (2.0) 0.012 ±0.004 (0.3 ±0.1) {Pads 1 - 4} {Pads 1 - 4} NOTES 1. DO NOT make connections to non-labeled pins. Castellation pins may have internal connections used in the manufacturing process. 2. Termination pads (e4), barrier-plating is nickel (Ni) with gold (Au) flash plate. 3. Reflow conditions per JEDEC J-STD-020. SUGGESTED SOLDER PAD GEOMETRY SUGGESTED REFLOW PROFILE .165 [4.20] Key: [mm] Inch 12 3 4 C BYPASS .071 [1.80] .225 [5.71] .047 [1.20] 0 100 200 300 0 30 60 90 120 150 180 210 240 270 300 Time (Seconds) Temp. (°C) Maximum 260°C, 10 seconds Typical 245°C 130°C CBYPASS should be ≥ 0.01 uF. TEST CIRCUIT, RL//CL LOAD POWER SUPPLY + - + - - + VM mA 0.01uF D.U.T. 43 12 10K Including probe capacitance. Control Voltage 10pF Ω D.U.T. PIN ASSIGNMENTS PIN SYMBOL DESCRIPTION 1 VC Control Voltage (Note 1) 2 GND Circuit & Package Ground 3 Output Clipped Sine Wave Output 4 VCC Supply Voltage Note: 1. Connect to ground for TCXO (no AFC) option. 1. C – CTS and Pin 1 identifier. 2. XXX – Frequency. See Table I for codes. 3. YM – Date code, Y – year, M – month, see Table II for codes. CXXX YM TABLE I - FREQUENCY CODING Frequency Marking Code Frequency Marking Code 10.0 MHz 100 19.2 MHz 192 12.8 MHz 128 19.44 MHz 194 13.0 MHz 130 19.68 MHz 196 14.4 MHz 144 19.8 MHz 198 15.36 MHz 153 20.0 MHz 200 16.8 MHz 168 26.0 MHz 260 TABLE II – DATE CODE Year Month 4 = 2004 1 = January 7 = July 5 = 2005 2 = February 8 = August 6 = 2006 3 = March 9 = September 7 = 2007 4 = April 10 = October 8 = 2008 5 = May 11 = November 9 = 2009 6 = June 12 = December |