| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10R272L bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10R272L bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 77 page ![]() 17/77 ST10R272L - MULTIPLY-ACCUMULATE UNIT (MAC) The following table shows the various combinations of pointer post-modification for each of these 2 new addressing modes. In this document the symbols “[Rwn⊗]” and “[IDXi⊗]” refer to these addressing modes. For the CoMACM class of instruction, Parallel Data Move mechanism is implemented. This class of instruction is only available with double indirect addressing mode. Parallel Data Move allows the operand pointed by IDXi to be moved to a new location in parallel with the MAC operation. The write-back address of Parallel Data Move is calculated depending on the post- modification of IDXi. It is obtained by the reverse operation than the one used to calculate the new value of IDXi. The following table shows these rules. Symbol Mnemonic Address Pointer Operation “[IDXi⊗]” stands for [IDXi](IDXi) ← (IDXi) (no-op) [IDXi+](IDXi) ← (IDXi) +2 (i=0,1) [IDXi -] (IDXi) ← (IDXi) -2 (i=0,1) [IDXi + QXj](IDXi) ← (IDXi) + (QXj) (i, j =0,1) [IDXi - QXj](IDXi) ← (IDXi) - (QXj) (i, j =0,1) “[Rwn⊗]” stands for [Rwn] (Rwn) ← (Rwn) (no-op) [Rwn +] (Rwn) ← (Rwn) +2 (n=0-15) [Rwn-] (Rwn) ← (Rwn) -2 (k=0-15) [Rwn +QRj] (Rwn) ← (Rwn) + (QRj) (n=0-15;j =0,1) [Rwn - QRj] (Rwn) ← (Rwn) - (QRj) (n=0-15; j =0,1) Table 2 Pointer post-modification combinations for IDXi and Rwn Instruction Writeback Address CoMACM [IDXi+],... <IDXi-2> CoMACM [IDXi-],... <IDXi+2> CoMACM [IDXi+QXj],... <IDXi-QXj> CoMACM [IDXi-QXj],... <IDXi+QXj> Table 3 Parallel data move addressing 1 |