công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1508PVC bảng dữ liệu(PDF) 1 Page - Multicomp Pro

tên linh kiện 1508PVC
Giải thích chi tiết về linh kiện  Terminal Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MULTICOMP [Multicomp Pro]
Trang chủ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1508PVC bảng dữ liệu(HTML) 1 Page - Multicomp Pro

  1508PVC Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
02/10/20
Terminal Cover
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
For Use With
: Terminal
Connector Body Material
: PVC (Polyvinyl Chloride)
Connector Type
: Dust Cap & Cover
Length
: 2.8mm
Part Number Table
Description
Part Number
Terminal Cover
1508PVC(606)
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Số phần tương tự - 1508PVC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pomona Electronics
1508 POMONA-1508 Datasheet
27Kb / 1P
Test Lead Holder
logo
Marathon Special Produc...
1508 MARATHON-1508 Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
Infinite Electronics In...
1508 L-COM-1508 Datasheet
49Kb / 1P
N Male Straight Crimp For LMR240
10/26/09
logo
Pomona Electronics
1508 POMONA-1508 Datasheet
216Kb / 1P
Patch Cords and Test Leads
logo
Multicomp Pro
1508 MULTICOMP-1508 Datasheet
253Kb / 1P
RF / Coaxial Adapter Mini UHF Plug-N Jack
05/02/21 V1.0
More results

Mô tả tương tự - 1508PVC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437645-1 MACOM-2-1437645-1 Datasheet
33Kb / 1P
TERMINAL COVER W/COVER MOUNTS
logo
Mean Well Enterprises C...
TBC-05 MEANWELL-TBC-05 Datasheet
108Kb / 1P
Cover for terminal Blocks
TBC-07 MEANWELL-TBC-07 Datasheet
110Kb / 1P
Cover for terminal Blocks
TBC-08 MEANWELL-TBC-08 Datasheet
106Kb / 1P
Cover for terminal Blocks
TBC-09 MEANWELL-TBC-09 Datasheet
104Kb / 1P
Cover for terminal Blocks
logo
Pepperl+Fuchs Inc.
LB9008A PF-LB9008A Datasheet
671Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
LB9010A PF-LB9010A Datasheet
589Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
LB9108A PF-LB9108A Datasheet
667Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
LB9120A PF-LB9120A Datasheet
610Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
logo
Schneider Electric
9070FSC2 SCHNEIDER-9070FSC2 Datasheet
77Kb / 2P
9070FSC2 TERMINAL COVER
Jan 12, 2021
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com