công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5MM250G bảng dữ liệu(PDF) 1 Page - Stannol GmbH & Co KG

tên linh kiện 5MM250G
Giải thích chi tiết về linh kiện  developed to meet high quality requirements in industrial electronic production as well as quick rework
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STANNOL [Stannol GmbH & Co KG]
Trang chủ  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

5MM250G bảng dữ liệu(HTML) 1 Page - Stannol GmbH & Co KG

  5MM250G Datasheet HTML 1Page - Stannol GmbH & Co KG 5MM250G Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
SOLDER WIRE HS10
developed to meet high quality requirements
in industrial electronic production as well as quick rework
STANNOL GmbH & Co. KG • TDB_LD_HS10_EN • Issue: 14.01.19
1
Haberstr. 24 • 42551 Velbert • Tel: +49 (0)2051-3120-0 • Fax: +49 (0)2051-3120-111 • E-Mail: info@stannol.de • www.stannol.de
STANNOL
DESCRIPTION
The electronic solder wire HS10 is a proven and reliable product of Stannol research, which was developed to meet high
quality requirements in industrial electronic production as well as for quick rework. The solder wire HS10 is very efficient by
its high activity, which results in quick spread of solder and electrical safe residues. It is a halide activated rosin (colophony)
flux. The solder wire HS10 according to J-STD-004 type ROM1
CHARACTERISTICS
This activated rosin shows following properties/advantages:
• Solid and dry residues, pin testable
• Fast soldering, high spread speed
• High reliability
APPLICATION
The solder wire HS10 can be used for hand and robot soldering in electronics and electrical assembly, audio devices and
telecommunication. Flux residues can remain on surfaces without cleaning. If cleaning is necessary for optical or technical
reasons, we recommend the use of the cleaner Stannol Flux-Ex 200B or Stannol Flux-Ex 500.
PHYSICAL PROPERTIES AND DATA
GENERAL PROPERTIES
HS10
Flux type:
ROM1 / J-STD-004
Flux content:
standard 2.5 weight % ± 0.3 %
Halide content:
0.9%
Corrosion effect:
None / J-STD-004
Standard alloys
acc. to ISO 9453:2014
Lead-containing:
Lead-free (Ecoloy Serie)
S-Sn60Pb40
Ecoloy TS (S-Sn96Ag4)
S-Sn60Pb39Cu1
Ecoloy TSC (S-Sn95Ag4Cu1)
S-Pb60Sn40
Ecoloy TC (S-Sn99Cu1)
S-Sn62Pb36Ag2
Ecoloy TSC305 (S-Sn96Ag3Cu1)
S-Sn63Pb37*
---
S-Pb93Sn5Ag2
---
Available diameters:
from 0.3 mm
Available reel sizes:
250 g, 500 g, 1 kg
* This alloy is subject to a MOQ
Other alloys, diameters flux contents or reel sizes are available on request.


Mô tả tương tự - 5MM250G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Japan Aviation Electron...
SJ105217 JAE-SJ105217 Datasheet
119Kb / 1P
PRODUCTION LOT NO. AS INDICATED
logo
Murata Manufacturing Co...
PTFM04BB222Q2N34BS MURATA-PTFM04BB222Q2N34BS Datasheet
197Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BB471Q2N34BS MURATA-PTFM04BB471Q2N34BS Datasheet
199Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BC222Q2N34BS MURATA-PTFM04BC222Q2N34BS Datasheet
199Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BC471Q2N34BS MURATA-PTFM04BC471Q2N34BS Datasheet
199Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BE222Q2N34BS MURATA-PTFM04BE222Q2N34BS Datasheet
200Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BF222Q2N34BS MURATA-PTFM04BF222Q2N34BS Datasheet
199Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BF471Q2N34BS MURATA-PTFM04BF471Q2N34BS Datasheet
199Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BG222Q2N34BS MURATA-PTFM04BG222Q2N34BS Datasheet
195Kb / 3P
compact and light design as well as excellent thermal response
PTFM04BH471Q2N34BS MURATA-PTFM04BH471Q2N34BS Datasheet
198Kb / 3P
compact and light design as well as excellent thermal response
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com