| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCSXSR1CS12ZVM bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCSXSR1CS12ZVM bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 10 page ![]() 8 APPLICATION CONTROL 1. Motor Control Application Tuning (MCAT) tool – tool menu to display the application control page. When the power supply is connected to the board, the application is in READY state indicated by a blue LED on the board. The LED diode also indicates: – READY, INIT states slowly flashing LED – CALIB, ALIGN states flashing LED – RUN state lighting LED – FAULT state fast-flashing LED 2. In case of pending faults, click the fault button Clear FAULT on the FreeMASTER MCAT Control Page. 3. Start the application by pressing ON/ OFF button on the FreeMASTER MCAT control page. 4. Set required speed by changing the Speed Required variable value manually in the variable watch window, or by clicking speed gauge in the MCAT control tab. 5. To stop the application, click the ON/ OFF button on the FreeMASTER MCAT control page. |