| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LX2160A-RDB-B bảng dữ liệu(PDF) 112 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B bảng dữ liệu(HTML) 112 Page - NXP Semiconductors |
|
112 / 116 page ![]() Diagram Bits 7 6 5 4 3 2 1 0 R DATA W ARST 00000000 Fields Field Function 7-0 DATA Read/write internal CMS registers selected with CMSA. 3.68 Switch Manager Registers For systems which have serially-sampled switches (as opposed to direct connection), the SWS_* registers control/monitor the IP which manges the sampling and virtualization of the switches. For the LX2160ARDB, a limited subset of the QDS switch management system is provided to allow software to override all switches. 3.69 Switch Control (SWS_CTL) Address Register Offset SWS_CTL 0DCh Function The SWS_CTL register manages the switch sampler. Diagram Bits 7 6 5 4 3 2 1 0 R POLL W ARST 0 0000 1 0 1 Fields Field Function 7 - Reserved. Table continues on the next page... NXP Semiconductors Qixis Programming Model QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 112 / 116 |