| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LX2160A-RDB-B bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LX2160A-RDB-B bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 116 page ![]() EC1_TXD[3:0] EC1_TX_EN EC1_RX_DV EC1_RXD[3:0] EC1_RX_CLK EC1_GTX_CLK LX2160A CFG_MUX_EC2 Qualcomm AR8035 PHY #1 MagJack MagJack Qualcomm AR8035 PHY #2 MagJack MagJack HS Mux HS Mux EC2_TXD[3:0] EC2_TX_EN EC2_RX_DV EC2_RXD[3:0] EC2_RX_CLK EC2_GTX_CLK EC_GTX_CLK125 EC_CLK125 from CLKGEN from CPLD IEEE 1588 Header RST_IEEESLT_B from CPLD RST_EPHY1_B RST_EPHY2_B from CPLD from CPLD Figure 13. Ethernet controller architecture 2.5.1 IEEE 1588 interface The LX2160A processor provides support for the IEEE 1588™ precision time protocol (PTP), which works in tandem with the Ethernet controllers to time-stamp the incoming packets. A 12-pin header is provided on the board to allow access to the IEEE 1588 system (see figure below). NXP Semiconductors LX2160ARDB Functional Description QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020 Reference Manual 26 / 116 |