| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS1012AXE7KKB bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1012AXE7KKB bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 120 page ![]() Table 1. Pinout list by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes DAP controller for the ARM core debug. TCK/GPIO1_06/UART2_SIN Test Clock 18 I O2VDD --- TDI/GPIO1_07/ UART2_RTS_B/ SAI5_TX_DATA/ SAI5_RX_DATA Test Data In 19 I O2VDD 9 TDO/GPIO1_08/ UART2_SOUT Test Data Out 20 O O2VDD --- TJTAG_EN Selection for JTAG IOs 21 I O2VDD 20, 21 TMS/GPIO1_09/ UART2_CTS_B/ SAI5_TX_SYNC/ SAI5_RX_SYNC Test Mode Select 84 I O2VDD 9 TRST_B/GPIO1_10/ SAI5_TX_BCLK/ SAI5_RX_BCLK Test Reset 85 I O2VDD 9 SerDes 1 SD1_IMP_CAL_RX SerDes Receive Impedence Calibration 23 I S1VDD 11 SD1_IMP_CAL_TX SerDes Transmit Impedance Calibration 30 I X1VDD 16 SD1_REF_CLK1_N SerDes PLL 1 Reference Clock Complement 206 I S1VDD --- SD1_REF_CLK1_P SerDes PLL 1 Reference Clock 207 I S1VDD --- SD1_RX0_N SerDes Receive Data (negative) 24 I S1VDD --- SD1_RX0_P SerDes Receive Data (positive) 89 I S1VDD --- SD1_RX1_N SerDes Receive Data (negative) 27 I S1VDD --- SD1_RX1_P SerDes Receive Data (positive) 92 I S1VDD --- SD1_RX2_N SerDes Receive Data (negative) 29 I S1VDD --- SD1_RX2_P SerDes Receive Data (positive) 94 I S1VDD --- SD1_TX0_N SerDes Transmit Data (negative) 25 O X1VDD --- SD1_TX0_P SerDes Transmit Data (positive) 90 O X1VDD --- SD1_TX1_N SerDes Transmit Data (negative) 26 O X1VDD --- SD1_TX1_P SerDes Transmit Data (positive) 91 O X1VDD --- Table continues on the next page... Pin assignments QorIQ LS1012A Data Sheet, Rev. 2, 01/2019 NXP Semiconductors 13 |