| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPR031EPR2 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPR031EPR2 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
|
11 / 33 page ![]() MPR03X Sensors Freescale Semiconductor 11 Table 5. Electrode Configuration Register Field Descriptions Field Description 6 CalLock Calibration Lock – The Calibration Lock bit selects whether calibration is enabled or disabled. 0 Enabled – In this state baseline calibration is enabled. 1 Disabled – In this state baseline calibration is disabled. 5:4 ModeSel Mode Select – The Mode Select field selects which Run Mode the sensor will operate in. This register is ignored when in Stop Mode. 00 Encoding 0 – Run1 Mode is enabled. 01 Encoding 1 – Run2 Mode is enabled. 10 Encoding 2 – Run2 Mode is enabled. 11 Encoding 3 – Run2 Mode is enabled. 3:0 EleEn Electrode Enable – The Electrode Enable Field selects the electrode and IRQ functionality. 0000 Encoding 0 – Stop Mode 0001 Encoding 1 – Run Mode with ELE0 is enabled, ELE1 is disabled, IRQ is enabled. 0010 Encoding 2 – Run Mode with ELE0 is enabled, ELE1 is enabled, IRQ is enabled. 0011 Encoding 3 – Run Mode with ELE0 is enabled, ELE1 is enabled, ELE2 is enabled. ~ 1111 Encoding 15 – Run Mode with ELE0 is enabled, ELE1 is enabled, ELE2 is enabled. |