| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTMS8101FTK/AF bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8101FTK/AF bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 36 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 14.6 READ UID [ , Advanced, Advanced+] Upon reception of this command without error all transponder ICs in the ready state are sending their UID. The addressed (ADR), the select (SEL), the inventory (INV) and the (PEXT) flag are set to '0'. Error flag set to ’0’ indicates no error. Table 26. READ UID - request format (02h) Flags Command CRC-16 Description 5 6 (16) No. of bits 00(1)00 000010 Table 27. Response to a successful READ UID request Error flag Data CRC-16 Description 1 48 (16) No. of bits 0UID |