công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HTMS8001FTK/AF,115 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện HTMS8001FTK/AF,115
Giải thích chi tiết về linh kiện  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8001FTK/AF,115 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button HTMS8001FTK/AF,115 Datasheet HTML 9Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 10Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 11Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 12Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 13Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 14Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 15Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 16Page - NXP Semiconductors HTMS8001FTK/AF,115 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
13 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
9.2 Memory configuration
The user configuration block consists of one configurable byte (Byte0) and three reserved
bytes (Byte1 to Byte3)
The bits in the user configuration block enable a customized configuration of the HITAG µ
transponder ICs. In TTF mode the user can choose Bi-phase or Manchester encoding and
also the data rate for the return link (bit0 to bit2). In RTF mode data rate and coding are
fixed with 4 kbit/s Manchester encoding.
Fitting to ISO 11785 standard the default values are set for 4 kbit/s Bi-Phase encoding.
The next four bits (bit 3 to bit 6) are used for password settings.
Three areas (TTF area(128bit), lower 512 bits and upper memory) can be restricted to
read/write access.
The user configuration block (User Config) is programmable by using WRITE SINGLE
BLOCK command at address FFh. Bits 7 to 31 (Byte1 to Byte3) are reserved for further
usage.
The user configuration block (block address FFh) and the password block (block address
FEh) can be locked with the LOCK BLOCK command.
Attention:
• Pre-programmed default values are not locked !
• Configuration block has to be locked to make data unalterable!
• The lock of the blocks is permanently and therefore irreversible!
[1]
PWD(w)=1: read without password and write with password
[2]
PWD(r/w)=1: read and write with password
Table 8.
User configuration block to Byte0
Byte0
Description
bit6
bit5
bit4
bit3
bit2
bit1 ... 0
Bit-no.
PWD (r/w) [2]
Bit512… Max
PWD (w) [1]
Bit512… Max
PWD (w) [1]
Bit128… 511
PWD (w) [1]
Bit0… 127
Encoding
Data rate
0… MCH
1… Bi-Ph.
’00’… 2kbit/s
’01’… 4kbit/s
’10’… 8kbit/s
Value/meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com