công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N4-04. bảng dữ liệu(PDF) 4 Page - HAKKO Corporation

tên linh kiện N4-04.
Giải thích chi tiết về linh kiện  FM-206 High Performance 3-Port Rework Station
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HAKKO [HAKKO Corporation]
Trang chủ  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

N4-04. bảng dữ liệu(HTML) 4 Page - HAKKO Corporation

  N4-04. Datasheet HTML 1Page - HAKKO Corporation N4-04. Datasheet HTML 2Page - HAKKO Corporation N4-04. Datasheet HTML 3Page - HAKKO Corporation N4-04. Datasheet HTML 4Page - HAKKO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and
packing list
HAKKO FM-206 station,
Tip tray,
Power cord,
FM-2027 conversion kit
(x 2),
FM-2024 conversion kit
Model No.
Power consumption
Temp. stability
Model No.
Power consumption
Temperature setting range
Tip to ground resistance
Tip to ground potential, Leak Voltage
Total length (w/o cord)
Weight (w/o cord)
Weight (w/o cord and tube)
Cord length
70 W (24 V)
200 to 450℃
<2 Ω
<2 mV
188 mm (with 2.4D tip)
30 g (with 2.4D tip)
—
1.2 m
T15 series tip
70 W (24 V)
350 to 450℃
<2 Ω
<2 mV
180 mm (with φ1.0 mm nozzle)
—
65 g (with φ1.0 mm nozzle)
1.2 m
N3 series nozzle
FM-206
410 W (Max.)
Tolerance at idling time ±5°C
24 V
162 (W) x 136 (H) x 245 (D) mm
6.2 kg
6 L/min.
Diaphragm pump
80 kPa (600 mmHg)
14 L/min.
Output
Outer dimensions
Weight
Air flow (Max.)
Vacuum generator
Vacuum pressure (Max.)
Suction flow
Tip sold
separately
Tip sold
separately
Tip sold
separately
Tips sold
separately
Nozzle sold
separately
Nozzle sold
separately
Nozzle sold
separately
Optional handpiece
* For the shape and price of each tip,
please refer to our website.
(For the N4 series nozzle,
please refer to the previous page.)
Packing list
HAKKO FM-206
Station
Tip sold
separately
70 W (24 V)
200 to 450℃
<2 Ω
<2 mV
188 mm (with 2.4D tip)
30 g (with 2.4D tip)
—
1.2 m
T15 series tip
FM-2027
FM-2027
FM-2027
FM-2024
FM-2027
FM-2024
Model No.
Power consumption
Temperature setting range
Tip to ground resistance
Tip to ground potential, Leak Voltage
Standard tip
Total length (w/o cord)
Weight (w/o cord)
Weight (w/o cord and tube)
Cord length
70 W (24 V)
200 to 450℃
<2 Ω
<2 mV
Not Included
188 mm(with 2.4D tip)
30 g(with 2.4D tip)
—
1.2 m
T15 series tip
140 W (24 V)
100 to 500℃
<2 Ω
<2 mV
Not Included
232 mm(with φ4.0 mm nozzle)
—
50 g(with φ4.0 mm nozzle)
1.2 m
N4 series nozzle
140 W (24 V)
200 to 400℃
<2 Ω
<2 mV
Not Included
148 mm(with SOP 25L tip)
64 g(with SOP 25L tip)
—
1.2 m
T16 series tip
FM-2027
FM-2027
FM-2026
FM-2024
FM-2022
FM-2023
70 W (24 V)
200 to 450℃
<2 Ω
<2 mV
Not Included
205 mm(with 2.4D tip)
—
45 g(with 2.4D tip and nozzle assembly C)
1.2 m
T17 series tip
FM-2026
FM-2022
140 W (24 V)
200 to 400℃
<2 Ω
<2 mV
Shape I (No. T9-I)
117 mm(with Shape I tip)
37 g(with Shape I tip)
—
1.2 m
T9 series tip
FM-2023
70 W (24 V)
350 to 450℃
<2 Ω
<2 mV
Not Included
180 mm(with φ1.0 mm nozzle)
—
65 g(with φ1.0 mm nozzle)
1.2 m
N3 series nozzle
FM-2024
FM-2029
FM-2029
* Note: Tips and Nozzles not included
Typical Configuration
CA00377EbZa001 2011.6
4-5, SHIOKUSA 2-CHOME, NANIWA-KU, OSAKA, 556-0024 JAPAN
Distributed by:
All-Spec Industries
5228 US Hwy 421 N
www.all-spec.com
PH: 800-537-0351
Wilmington, NC 28401
sales@all-spec.com
FX: 800-379-9903



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com