công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EEUFS1A202 bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện EEUFS1A202
Giải thích chi tiết về linh kiện  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFS1A202 bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  EEUFS1A202 Datasheet HTML 1Page - Panasonic Semiconductor EEUFS1A202 Datasheet HTML 2Page - Panasonic Semiconductor EEUFS1A202 Datasheet HTML 3Page - Panasonic Semiconductor EEUFS1A202 Datasheet HTML 4Page - Panasonic Semiconductor EEUFS1A202 Datasheet HTML 5Page - Panasonic Semiconductor EEUFS1A202 Datasheet HTML 6Page - Panasonic Semiconductor EEUFS1A202 Datasheet HTML 7Page - Panasonic Semiconductor EEUFS1A202 Datasheet HTML 8Page - Panasonic Semiconductor EEUFS1A202 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FS-A series
*1: Ripple current (100 kHz / +105
℃)
*2: Impedance (100 kHz
 / +20 ℃)
・ When requesting taped product, please put the letter "B" or "H" be tween the "( )".
Lead wire pitch
 ✽B=5 mm, 7.5 mm, H=2.5 mm.
・ Please refer to the page of “Taping dimensions”.
1500
2000
7500
8200
1200
1800
5600
10
6.3
2200
2700
9100
10000
180
330
5100
5600
6200
6800
3300
3900
4700
220
1800
2200
2700
2000
5100
7500
8200
16.0
3820
10.0
2470
10.0
2180
10.0
2180
8.0
1560
10.0
16.0
3820
16.0
3820
12.5
3630
10.0
―
―
5.0
7.5
12.5
3750
12.5
3630
16.0
3300
25.0
0.8
7.5
0.013
0.017
0.012
0.014
5.0
0.014
100
―
7.5
0.013
12.5
3630
12.5
3190
0.018
0.015
―
10000
25.0
12.5
2600
0.018
0.020
0.020
20.0
16.0
20.0
20.0
25.0
0.014
12.5
3750
16.0
3300
0.012
0.017
35.0
12.5
3750
16.0
3300
0.012
0.017
0.013
12.5
3630 0.013
12.5
3190 0.015
12.5
3190
0.018
0.015
12.5
2600
20.0
10.0
2470 0.018
10.0
2180 0.020
25.0
10.0
1790 0.028
8.0
1240
10.0
1290
0.030
0.030
5.0
280
8.0
1560
8.0
1560
EEUFS1A331( )
EEUFS1A821( )
20.0
25.0
25.0
11.0
11.2
11.5
25.0
25.0
30.0
30.0
35.0
20.0
16.0
16.0
20.0
10.0
30.0
30.0
20.0
35.0
7.5
―
0.8
0.8
0.6
0.6
0.6
5.0
5.0
5.0
11.0
15.0
12.5
20.0
20.0
0.6
0.6
0.6
0.300
0.300
1790 0.028
1790
0.030
0.028
280
455
0.5
0.6
0.6
0.6
2180 0.020
20.0
100
200
200
200
200
200
200
EEUFS1A512L
EEUFS1A562L
EEUFS1A562S( )
EEUFS1A752L
EEUFS1A822( )
EEUFS1A472( )
EEUFS1A202( )
EEUFS1A222( )
EEUFS1A182( )
250
1000
500
500
500
500
500
500
―
―
4700
5.0
―
10000
20.0
3600
0.6
250
―
EEUFS1A272L( )
EEUFS1A362( )
100
100
100
0.6
0.6
0.6
0.6
0.8
5.0
5.0
5.0
5.0
5.0
Case size
(
mm)
Specification
øD
L
10000
10000
10000
―
―
5.0
―
―
10000
10000
0.8
0.8
5.0
5.0
7.5
0.8
3.5
3.5
2.5
5.0
―
10000
5.0
―
―
10000
―
10000
5.0
8000
5.0
5.0
5.0
5.0
5.0
0.6
―
5.0
―
500
6000
9000
200
200
0.043
EEUFS1A122( )
EEUFS1A182L( )
8000
15.0
8.0
10.0
200
0.041
5.0
―
500
6000
12.5
1290
1240
1290
12.5
EEUFS1A102( )
EEUFS1A122L( )
950
5.0
6.3
8.0
7.5
EEUFS0J822S( )
100
250
10000
200
0.130
0.056
1000
10.0
200
0.043
3.5
―
1000
6000
820
―
1000
EEUFS0J822L
100
―
10000
0.8
―
2.5
5000
200
2.0
2.5
7.5
―
0.8
0.8
―
2000
0.5
0.5
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
5000
5.0
EEUFS1A181( )
200
2000
5000
7.5
EEUFS0J103( )
100
250
―
10000
7.5
0.8
7.5
EEUFS0J912( )
100
250
―
10000
7.5
―
EEUFS0J752S( )
100
250
10000
0.8
7.5
EEUFS0J622L
100
―
10000
EEUFS0J752L
100
―
10000
―
EEUFS0J682L
100
―
5.0
―
―
―
5.0
500
10000
―
5.0
EEUFS0J562( )
200
10000
5.0
―
5.0
―
0.6
0.8
EEUFS0J512( )
200
500
10000
5.0
EEUFS0J472( )
200
500
10000
5.0
―
5.0
―
0.6
0.6
5.0
EEUFS0J392L( )
200
500
10000
5.0
EEUFS0J332( )
200
500
5.0
―
―
5.0
0.6
5.0
0.6
EEUFS0J272( )
200
500
10000
500
10000
5.0
5.0
EEUFS0J222( )
200
―
―
5.0
0.6
5.0
0.6
EEUFS0J202( )
200
500
8000
EEUFS0J202L( )
200
1000
8000
1000
9000
5.0
5.0
EEUFS0J182L( )
200
9000
5.0
―
3.5
―
3.5
―
5.0
0.6
5.0
EEUFS0J152( )
200
500
EEUFS0J152L( )
200
1000
6000
0.041
0.043
5.0
―
3.5
―
Characteristics list
Rated
voltage
(V)
Lead length (mm)
Part No.
Min. Packaging
Q'ty
(PCS)
2000
8000
5.0
5.0
EEUFS0J221( )
200
Taping
Straight
Taping
✽B
Taping
✽H
Lead
dia.
(ød)
Lead space
Straight
leads
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
2.0
2.5
Capacitance
(±20 %)
(μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com