| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST10F163 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F163 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 58 page ![]() ST10F163 4/58 I - INTRODUCTION The ST10F163 is a Flash derivative of the STMicroelectronics ST10 family of 16-bit micro- controllers. It combines high CPU performance (up to 12.5 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. 128KBytes of an electrically eras- able and re-programmable Flash EPROM is pro- vided on-chip. Figure 1 : Logic symbol XTAL1 RSTIN XTAL2 RSTOUT NMI EA READY ALE RD WR/WRL Port 5 6-bit Port 6 8-bit Port 4 8-bit Port 3 15-bit Port 2 8-bit Port 1 16-bit Port 0 16-bit VDD VSS ST10F163 |