| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RB24GC2021 bảng dữ liệu(PDF) 1 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
RB24GC2021 bảng dữ liệu(HTML) 1 Page - E-SWITCH |
|
1 / 6 page ![]() www.e-switch.com 800.867.2717 1 • High Quality and Reliable Switch • Industry Standard 22mm x 30mm Cutout • Illumination Options • Marking Options • Multiple Terminal and Actuator Options • Front Panel Mount Applications • Optional Cap for Dust and Water Protection • 2 Pole Maintained and Momentary Functions Terminal Body Color C - 16A 125V D - 20A 125V E - 16A 125V 1 - Black 2 - White 3 - Almond 4 - Grey 9 - Red 2 - Off-On E - Off-(On) G - On-On H - On-(On) 6 - On-Off-On J - On-Off-(On) K - (On)-Off-(On) Notes: Custom Colors and Markings Available Upon Request ( ) = Denotes Momentary Function * = Only Available with the “C” Rating Series Function 0 - Full Illumination 1 - Black 2 - White 3 - Almond 4 - Grey 5 - Orange 7 - Blue 8 - Green 9 - Red Rating Actuator Color Marking Color 0 - None 1 - Black 2 - White 8 - Red Marking Type 0 - None 1 - I/O Vertical 2 -ON-OFF-ON Vertical 3 - ON-OFF Vertical 4 - ON-OFF Horizontal 9 - I/O/II Horizontal R - I/O Horizontal S - I/O/II Vertical Lamp Voltage None - Not Illuminated 1 - Full 2 - Round* None - Not Illuminated 0 - Clear 1 - Red 2 - Amber 3 - Green 4 - Blue 5 - Yellow None - Not Illuminated 4 - 12V 5 - 24V 6 - 125V 7 - 250V Lens Stlye Lens Color RB2 1 - 4.8mm Tab 4 - 6.3mm Tab RoHS SpecificationS part number configurator rb2 SerieS rocker Switch featureS & benefitS applicationS / marketS Specifications subject to change without notice 11.9.2017 Industrial Controls Commercial Appliances Electrical Rating: Option C: 16A 125VAC T85 [cURus] 7.5A 250VAC T85 [cURus] 16(4)A 250V~ 1E4 T125/55 [SEMKO, ENEC] Option D (2 Position Functions): 20A 125VAC T105 [cURus] 16A 250VAC T105 [cURus] 3/4HP 125VAC T105 [cURus] 3/4HP 250VAC T105 [cURus] 20(8)A 250V~ 1E4 T125/55 [VDE, ENEC] 10(2)A 250V~ 5E4 T85/55 [VDE, ENEC] 16(4)A 250V~ 1E4 T85/55 [VDE, ENEC] Option E (3 Position Functions): 16A 125VAC T65 [cURus] 16A 250VAC T65 [cURus] Operating Temperature: -20°C to 65°C Electrical Life: 10,000 Cycles Contact Resistance: 35mΩ Max. at 50VAC Insulation Resistance: 100MΩ Min. at 500VDC Dielectric Strength: 1,500VAC for 1 min. Ingress Protection: IP54 with optional silicone cap Instrumentation Electrical Housewares Floor Care Appliances Medical/Dental |
Số phần tương tự - RB24GC2021 |
|
Mô tả tương tự - RB24GC2021 |