công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC30F2010 bảng dữ liệu(PDF) 93 Page - Microchip Technology

tên linh kiện DSPIC30F2010
Giải thích chi tiết về linh kiện  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 bảng dữ liệu(HTML) 93 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 89Page - Microchip Technology DSPIC30F2010 Datasheet HTML 90Page - Microchip Technology DSPIC30F2010 Datasheet HTML 91Page - Microchip Technology DSPIC30F2010 Datasheet HTML 92Page - Microchip Technology DSPIC30F2010 Datasheet HTML 93Page - Microchip Technology DSPIC30F2010 Datasheet HTML 94Page - Microchip Technology DSPIC30F2010 Datasheet HTML 95Page - Microchip Technology DSPIC30F2010 Datasheet HTML 96Page - Microchip Technology DSPIC30F2010 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 93
dsPIC30F2010
15.0
SPI™ MODULE
The Serial Peripheral Interface (SPI™) module is a
synchronous
serial
interface.
It
is
useful
for
communicating with other peripheral devices such as
EEPROMs, shift registers, display drivers and A/D
converters or other microcontrollers. It is compatible
with Motorola's SPI and SIOP interfaces.
15.1
Operating Function Description
Each SPI module consists of a 16-bit shift register,
SPIxSR (where x = 1 or 2), used for shifting data in
and out, and a buffer register, SPIxBUF. A control
register,
SPIxCON,
configures
the
module.
Additionally, a status register, SPIxSTAT, indicates
various status conditions.
The serial interface consists of 4 pins: SDIx (serial
data input), SDOx (serial data output), SCKx (shift
clock input or output) and SSx (active-low slave
select).
In Master mode operation, SCK is a clock output, but
in Slave mode, it is a clock input.
A series of eight (8) or sixteen (16) clock pulses shifts
out
bits
from
the
SPIxSR
to
SDOx
pin
and
simultaneously shifts in data from SDIx pin. An
interrupt is generated when the transfer is complete
and the corresponding interrupt flag bit (SPI1IF or
SPI2IF) is set. This interrupt can be disabled through
an interrupt enable bit (SPI1IE or SPI2IE).
The receive operation is double-buffered. When a
complete byte is received, it is transferred from
SPIxSR to SPIxBUF.
If the receive buffer is full when new data is being
transferred from SPIxSR to SPIxBUF, the module will
set the SPIROV bit, indicating an overflow condition.
The transfer of the data from SPIxSR to SPIxBUF will
not be completed and the new data will be lost. The
module will not respond to SCL transitions while
SPIROV is ‘1’, effectively disabling the module until
SPIxBUF is read by user software.
Transmit writes are also double-buffered. The user
writes to SPIxBUF. When the master or slave transfer
is completed, the contents of the shift register
(SPIxSR) is moved to the receive buffer. If any
transmit data has been written to the buffer register,
the contents of the transmit buffer are moved to
SPIxSR. The received data is thus placed in SPIxBUF
and the transmit data in SPIxSR is ready for the next
transfer.
In Master mode, the clock is generated by prescaling
the system clock. Data is transmitted as soon as a
value is written to SPIxBUF. The interrupt is generated
at the middle of the transfer of the last bit.
In Slave mode, data is transmitted and received as
external clock pulses appear on SCK. Again, the
interrupt is generated when the last bit is latched. If
SSx control is enabled, then transmission and
reception are enabled only when SSx = low. The
SDOx output will be disabled in SSx mode with SSx
high.
The clock provided to the module is (FOSC/4). This
clock is then prescaled by the primary (PPRE<1:0>)
and the secondary (SPRE<2:0>) prescale factors. The
CKE bit determines whether transmit occurs on
transition from active clock state to Idle clock state, or
vice versa. The CKP bit selects the Idle state (high or
low) for the clock.
15.1.1
WORD AND BYTE
COMMUNICATION
A control bit, MODE16 (SPIxCON<10>), allows the
module to communicate in either 16-bit or 8-bit mode.
16-bit operation is identical to 8-bit operation, except
that the number of bits transmitted is 16 instead of 8.
The user software must disable the module prior to
changing the MODE16 bit. The SPI module is reset
when the MODE16 bit is changed by the user.
A basic difference between 8-bit and 16-bit operation is
that the data is transmitted out of bit 7 of the SPIxSR for
8-bit operation, and data is transmitted out of bit 15 of
the SPIxSR for 16-bit operation. In both modes, data is
shifted into bit 0 of the SPIxSR.
15.1.2
SDOx DISABLE
A control bit, DISSDO, is provided to the SPIxCON
register to allow the SDOx output to be disabled. This
will allow the SPI module to be connected in an input
only configuration. SDO can also be used for general
purpose I/O.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
Note:
Both the transmit buffer (SPIxTXB) and
the receive buffer (SPIxRXB) are mapped
to the same register address, SPIxBUF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com