| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56301 bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56301 bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 124 page ![]() TQFP Package Description DSP56301 Technical Data, Rev. 10 Freescale Semiconductor 3-5 76 D7 101 MODA/IRQA 126 HAD17 or HD9 77 D8 102 MODB/IRQB 127 HAD16 or HD8 78 GNDQ 103 NC 128 HC2/HBE2, HA2, or PB18 79 VCCQ 104 NC 129 HIDSEL or HRD/HDS 80 GNDD 105 MODC/IRQC 130 HFRAME 81 VCCD 106 MODD/IRQD 131 VCCQ 82 D9 107 HAD31 or HD23 132 GNDQ 83 D10 108 HAD30 or HD22 133 HIRDY, HDBDR, or PB21 84 D11 109 HAD29 or HD21 134 HTRDY, HDBEN, or PB20 85 D12 110 HAD28 or HD20 135 VCCH 86 D13 111 VCCH 136 GNDH 87 D14 112 GNDH 137 PVCL 88 GNDD 113 HAD27 or HD19 138 HDEVSEL, HSAK, or PB22 89 VCCD 114 HAD26 or HD18 139 HSTOP or HWR/HRW 90 D15 115 HAD25 or HD17 140 HLOCK, HBS, or PB23 91 D16 116 HAD24 or HD16 141 HPERR or HDRQ 92 D17 117 HC3/HBE3 or PB19 142 HSERR or HIRQ 93 D18 118 HAD23 or HD15 143 GNDH 94 D19 119 HAD22 or HD14 144 VCCH 95 D20 120 HAD21 or HD13 145 HPAR or HDAK 96 GNDD 121 HAD20 or HD12 146 HREQ or HTA 97 VCCD 122 VCCH 147 HRST or HRST 98 D21 123 GNDH 148 HCLK 99 D22 124 HAD19 or HD11 149 HGNT or HAEN 100 D23 125 HAD18 or HD10 150 HC1/HBE1, HA1, or PB17 Table 3-1. DSP56301 TQFP Signal Identification by Pin Number (Continued) Pin No. Signal Name Pin No. Signal Name Pin No. Signal Name |