| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R1966CWHTBLKCSRED bảng dữ liệu(PDF) 4 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
R1966CWHTBLKCSRED bảng dữ liệu(HTML) 4 Page - E-SWITCH |
|
4 / 4 page ![]() www.e-switch.com 800.867.2717 4 XXX SerieS R1966 SeRieS RockeR Switch spst non ill. pcB layout spst led ill. marking options schematics & layouts pcB layout spst non ill. PANEL THICKNESS "Z" DIM "X" 0.7 - 1.25 (0.03 - 0.05) 1.25 - 2.0 (0.50 - 0.08) 2.0 - 3.0 (0.08 - 0.12) 19.2/19.3 (0.755 - 0.760) 19.3/19.4 (0.760-0.764) 19.5/19.6 (0.768 - 0.772) PANEL MOUNTING PCB LAYOUT SPST or SPDT CIRCUIT FUNCTIONS NON-ILLUMINATED PCB LAYOUT SPST CIRCUIT FUNCTIONS LED ILLUMINATED A B C D E G H I N LED OPTION F 12.90.10 .508.004 in [ ] "X" 1.40 [.055 in] 7.00 [.276 in] 14.00 [.551 in] 7.00 [.276 in] 5.70 [.224 in] 4.10 [.161 in] 2.20 [.087 in] 1.40 [.055 in] "Z" THIS HOLE NOT REQUIRED FOR SPST CIRCUIT FUNCTIONS MARKINGS: CIRCUIT: SPST NON-ILLUMINATED 1 1a CIRCUIT: SPDT NON-ILLUMINATED 1b 1 1a CIRCUIT: SPST ILLUMINATED 1 1a - + 2.0 [.08 in] 6.0 [.24 in] PANEL THICKNESS "Z" DIM "X" 0.7 - 1.25 (0.03 - 0.05) 1.25 - 2.0 (0.50 - 0.08) 2.0 - 3.0 (0.08 - 0.12) 19.2/19.3 (0.755 - 0.760) 19.3/19.4 (0.760-0.764) 19.5/19.6 (0.768 - 0.772) PANEL MOUNTING PCB LAYOUT SPST or SPDT CIRCUIT FUNCTIONS NON-ILLUMINATED PCB LAYOUT SPST CIRCUIT FUNCTIONS LED ILLUMINATED A B C D E G H I N LED OPTION F 12.90.10 .508.004 in [ ] "X" 1.40 [.055 in] 7.00 [.276 in] 14.00 [.551 in] 7.00 [.276 in] 5.70 [.224 in] 4.10 [.161 in] 2.20 [.087 in] 1.40 [.055 in] "Z" THIS HOLE NOT REQUIRED FOR SPST CIRCUIT FUNCTIONS MARKINGS: CIRCUIT: SPST NON-ILLUMINATED 1 1a CIRCUIT: SPDT NON-ILLUMINATED 1b 1 1a CIRCUIT: SPST ILLUMINATED 1 1a - + 2.0 [.08 in] 6.0 [.24 in] PANEL THICKNESS "Z" DIM "X" 0.7 - 1.25 (0.03 - 0.05) 1.25 - 2.0 (0.50 - 0.08) 2.0 - 3.0 (0.08 - 0.12) 19.2/19.3 (0.755 - 0.760) 19.3/19.4 (0.760-0.764) 19.5/19.6 (0.768 - 0.772) PANEL MOUNTING PCB LAYOUT SPST or SPDT CIRCUIT FUNCTIONS NON-ILLUMINATED PCB LAYOUT SPST CIRCUIT FUNCTIONS LED ILLUMINATED A B C D E G H I N LED OPTION F 12.90.10 .508.004 in [ ] "X" 1.40 [.055 in] 7.00 [.276 in] 14.00 [.551 in] 7.00 [.276 in] 5.70 [.224 in] 4.10 [.161 in] 2.20 [.087 in] 1.40 [.055 in] "Z" THIS HOLE NOT REQUIRED FOR SPST CIRCUIT FUNCTIONS MARKINGS: CIRCUIT: SPST NON-ILLUMINATED 1 1a CIRCUIT: SPDT NON-ILLUMINATED 1b 1 1a CIRCUIT: SPST ILLUMINATED 1 1a - + 2.0 [.08 in] 6.0 [.24 in] PANEL THICKNESS "Z" DIM "X" 0.7 - 1.25 (0.03 - 0.05) 1.25 - 2.0 (0.50 - 0.08) 2.0 - 3.0 (0.08 - 0.12) 19.2/19.3 (0.755 - 0.760) 19.3/19.4 (0.760-0.764) 19.5/19.6 (0.768 - 0.772) PANEL MOUNTING PCB LAYOUT SPST or SPDT CIRCUIT FUNCTIONS NON-ILLUMINATED PCB LAYOUT SPST CIRCUIT FUNCTIONS LED ILLUMINATED A B C D E G H I N LED OPTION F 12.90.10 .508.004 in [ ] "X" 1.40 [.055 in] 7.00 [.276 in] 14.00 [.551 in] 7.00 [.276 in] 5.70 [.224 in] 4.10 [.161 in] 2.20 [.087 in] 1.40 [.055 in] "Z" THIS HOLE NOT REQUIRED FOR SPST CIRCUIT FUNCTIONS MARKINGS: CIRCUIT: SPST NON-ILLUMINATED 1 1a CIRCUIT: SPDT NON-ILLUMINATED 1b 1 1a CIRCUIT: SPST ILLUMINATED 1 1a - + 2.0 [.08 in] 6.0 [.24 in] PANEL THICKNESS "Z" DIM "X" 0.7 - 1.25 (0.03 - 0.05) 1.25 - 2.0 (0.50 - 0.08) 2.0 - 3.0 (0.08 - 0.12) 19.2/19.3 (0.755 - 0.760) 19.3/19.4 (0.760-0.764) 19.5/19.6 (0.768 - 0.772) PANEL MOUNTING PCB LAYOUT SPST or SPDT CIRCUIT FUNCTIONS NON-ILLUMINATED PCB LAYOUT SPST CIRCUIT FUNCTIONS LED ILLUMINATED A B C D E G H I N LED OPTION F 12.90.10 .508.004 in [ ] "X" 1.40 [.055 in] 7.00 [.276 in] 14.00 [.551 in] 7.00 [.276 in] 5.70 [.224 in] 4.10 [.161 in] 2.20 [.087 in] 1.40 [.055 in] "Z" THIS HOLE NOT REQUIRED FOR SPST CIRCUIT FUNCTIONS MARKINGS: CIRCUIT: SPST NON-ILLUMINATED 1 1a CIRCUIT: SPDT NON-ILLUMINATED 1b 1 1a CIRCUIT: SPST ILLUMINATED 1 1a - + 2.0 [.08 in] 6.0 [.24 in] spst ill. spdt ill. panel cutout PANEL THICKNESS "Z" DIM "X" 0.7 - 1.25 (0.03 - 0.05) 1.25 - 2.0 (0.50 - 0.08) 2.0 - 3.0 (0.08 - 0.12) 19.2/19.3 (0.755 - 0.760) 19.3/19.4 (0.760-0.764) 19.5/19.6 (0.768 - 0.772) PANEL MOUNTING PCB LAYOUT SPST or SPDT CIRCUIT FUNCTIONS NON-ILLUMINATED PCB LAYOUT SPST CIRCUIT FUNCTIONS LED ILLUMINATED A B C D E G H I N LED OPTION F 12.90.10 .508.004 in [ ] "X" 1.40 [.055 in] 7.00 [.276 in] 14.00 [.551 in] 7.00 [.276 in] 5.70 [.224 in] 4.10 [.161 in] 2.20 [.087 in] 1.40 [.055 in] "Z" THIS HOLE NOT REQUIRED FOR SPST CIRCUIT FUNCTIONS MARKINGS: CIRCUIT: SPST NON-ILLUMINATED 1 1a CIRCUIT: SPDT NON-ILLUMINATED 1b 1 1a CIRCUIT: SPST ILLUMINATED 1 1a - + 2.0 [.08 in] 6.0 [.24 in] |