công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

36282 bảng dữ liệu(PDF) 5 Page - Wiha Tools

tên linh kiện 36282
Giải thích chi tiết về linh kiện  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIHA [Wiha Tools]
Trang chủ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36282 bảng dữ liệu(HTML) 5 Page - Wiha Tools

  36282 Datasheet HTML 1Page - Wiha Tools 36282 Datasheet HTML 2Page - Wiha Tools 36282 Datasheet HTML 3Page - Wiha Tools 36282 Datasheet HTML 4Page - Wiha Tools 36282 Datasheet HTML 5Page - Wiha Tools 36282 Datasheet HTML 6Page - Wiha Tools 36282 Datasheet HTML 7Page - Wiha Tools 36282 Datasheet HTML 8Page - Wiha Tools 36282 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
Wiha
SoftFinish® Screwdrivers - Ergonomic Cushion Grip Handle
Screwdriver, With Wiha-SoftFinish® Handle
Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed.
Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
T5
60
2.4
2.5
.098
164
6.5
.05
10
T6
60
2.4
3.5
.139
164
6.5
.06
10
T7
60
2.4
3.5
.139
164
6.5
.06
10
T8
60
2.4
3.5
.139
164
6.5
.06
10
T9
60
2.4
4.0
.157
171
6.7
.10
10
T10
80
3.1
4.0
.157
191
7.5
.11
10
T15
80
3.1
4.0
.157
191
7.5
.11
10
T20
100
3.9
4.0
.157
211
8.3
.11
10
T25
100
3.9
4.5
.177
211
8.3
.12
10
T27
115
4.5
5.5
.216
233
9.2
.19
10
T30
115
4.5
6.0
.236
233
9.2
.20
10
T40
130
5.1
7.0
.275
254
10.0
.27
10
T45
130
5.1
8.0
.315
254
10.0
.31
10
8 Pcs.
Set
Round blade high alloy CVM steel, hardened,
hard chromed. Wiha-Chromtop finish on tips.
Wiha-SoftFinish® handle, multi-component,
cushion grips.
Item
No.
Size
mm
Size mm
lbs.
T6
60
T20
100
1.24
T8
60
T25
100
T10
80
T27
115
T15
80
T30
115
6 Pcs.
Set
Round blade high alloy CVM steel,
hardened, hard chromed. Wiha-Chromtop
finish on tips. Wiha-SoftFinish® handle,
multi-component, cushion grips.
Item
No.
Size mm
Size mm
lbs.
T6
60
T9
60
.77
T7
60
T10
80
T8
60
T15
80
6 Pcs.
Set
Round blade high alloy CVM steel, hardened,
hard chromed. Wiha-Chromtop finish on tips.
Wiha-SoftFinish® handle, multi-component,
cushion grips.
Item
No.
Size mm
Size mm
lbs.
T6
60
T15 80
.83
T8
60
T20 100
T10 80
T25 100
Set 12 Pcs.
Round
blade high alloy CVM steel, hardened, hard
chromed. Wiha-Chromtop finish on tips.
Wiha-SoftFinish® handle, multi-component,
cushion grips.
Item
No.
Size mm
Size
mm
lbs.
T5
60
T15
80
2.03
T6
60
T20
100
T7
60
T25
100
T8
60
T27
115
T9
60
T30
115
T10 80
T40
130
Improved torque zone.
For all working conditions
with molded on soft
cushion grips
Flat surfaces give
roll-off protection
Extra large
diameter to achieve
high torque
Handle is molded
directly onto the
blade for a
permanent
bond
www.wihatools.com
362
36264
36266
36268
36270
36272
36274
36276
36278
36280
36282
36284
36286
36288
36294
36294
36291
36291
36201
36201
36267
36267



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com