| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
76807 bảng dữ liệu(PDF) 21 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
76807 bảng dữ liệu(HTML) 21 Page - Wiha Tools |
|
21 / 60 page ![]() 21 Security Hex Inch Insert Bits, 1/4” Item No. Inch mm pkg. lbs. 71930 5/64 25 10 .12 71932 3/32 25 10 .12 71934 7/64 25 10 .12 71936 1/8 25 10 .12 71938 9/64 25 10 .12 71940 5/32 25 10 .12 71955 3/16 25 10 .13 71956 7/32 25 10 .14 71960 1/4 25 10 .15 719 719 Security Hex Inch Insert Bit Packs, 1 ” CVM S2 modified tool steel. Item No. Inch mm lbs. 71970 5/64 25 .03 71971 3/32 25 .03 71972 7/64 25 .03 71973 1/8 25 .03 71974 9/64 25 .03 71975 5/32 25 .03 71976 3/16 25 .04 71977 7/32 25 .04 71978 1/4 25 .04 719 719 Security Hex Metric Insert Bits, 1/4” Item No. mm mm pkg. lbs. 71939 2.0 25 10 .12 71941 2.5 25 10 .12 71942 3.0 25 10 .12 71943 4.0 25 10 .12 71944 5.0 25 10 .15 71945 6.0 25 10 .15 71946 8.0 25 10 .20 Security Hex Metric Insert Bit Packs, 1 ” CVM S2 modified tool steel. Item No. mm mm lbs. 71979 2.0 25 .03 71980 2.5 25 .03 71981 3.0 25 .03 71982 4.0 25 .03 71983 5.0 25 .04 71984 6.0 25 .04 71985 8.0 25 .05 2 bit pack Wiha Security Hex Insert Bits MagicRing Metric Insert Bits, 1/4” Item No. mm mm pkg. lbs. 71304 3.0 25 1 .01 71307 4.0 25 1 .01 71310 5.0 25 1 .01 71311 6.0 25 1 .01 713 MagicRing Inch Insert Bits, 1/4” Item No. Inch mm pkg. lbs. 71343 1/8 25 1 .01 71346 9/64 25 1 .01 71349 5/32 25 1 .01 71352 3/16 25 1 .01 71354 7/32 25 1 .01 713 MagicRing Insert & Power Bits MagicRing Inch Power Bits, 1/4” Item No. Inch mm pkg. lbs. 74369 1/8 50 1 .02 74371 9/64 50 1 .02 74373 5/32 50 1 .02 74375 3/16 50 1 .03 74379 1/4 50 1 .03 743 MagicRing Metric Power Bits, 1/4” Item No. mm mm pkg. lbs. 74301 3.0 50 1 .02 74305 4.0 50 1 .02 74307 5.0 50 1 .03 74319 6.0 50 1 .03 743 MagicRing Inch Power Ball End Bits Item No. Inch mm pkg. lbs. 71726 1/8 50 1 .02 71728 9/64 50 1 .02 71732 5/32 50 1 .02 71734 3/16 50 1 .03 71736 7/32 50 1 .03 71738 1/4 50 1 .03 717 MagicRing Metric Power Ball End Bits Item No. mm mm pkg. lbs. 71730 3.0 50 1 .02 71740 4.0 50 1 .02 71750 5.0 50 1 .03 71760 6.0 50 1 .03 717 1/4” Ball End MagicRing Bits Screw Holding Hex Bits Screw Holding Hex Bits Screw Holding Hex Bits Wiha Stainless Steel Hex Metric Insert Bits Stainless Steel Hex MM Insert Bits, 1/4” Item No. mm mm pkg. 70175 5.0 25 1 70176 6.0 25 1 701 Screw Holding Screw Holding Hex Bits 2 bit pack 10 bit pack 10 bit pack www.wihatools.com |