| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2131 bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2131 bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 34 page ![]() NXP Semiconductors UM12262 FRDM-IMX91 Board User Manual Figure 12. 5-inch Tianma LCD connection with FRDM-IMX91 through 2x20-pin EXPI connector 3.1.3 Software configuration update The following steps specify how to replace the default dtb with the custom dtb (imx91-11x11-frdm-tianma-wvga- panel.dtb) that supports Tianma LCD. 1. Stop at U-Boot 2. Use the below commands to replace the default dtb: $setenv fdtfile imx91-11x11-frdm-tianma-wvga-panel.dtb $saveenv $boot 3.2 Other accessory boards There are other accessory boards also that can work with FRDM-IMX91 through EXPI 2x20-pin interface, such as 8MIC-RPI-MX8 and MX93AUD-HAT. To use any such board, check the schematic and layout to determine the direction of the connection between FRDM-IMX91 and the accessory board in advance. Also, choose the right dtb file in the U-Boot stage. UM12262 All information provided in this document is subject to legal disclaimers. © 2025 NXP B.V. All rights reserved. User manual Rev. 3.0 — 22 April 2025 Document feedback 26 / 34 |