| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST4DP1DT1C2 bảng dữ liệu(PDF) 1 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
ST4DP1DT1C2 bảng dữ liệu(HTML) 1 Page - E-SWITCH |
|
1 / 4 page ![]() www.e-switch.com 800.867.2717 1 * ( ) denotes momentary RoHS Floor Care Appliances Medical / Dental Commercial Appliances Industrial Controls HVAC Specifications Part Number Configurator Features & Benefits Applications / Markets ST4 Series Toggle Switch Specifications subject to change without notice 6.9.2021 • Multiple termination options • Single or double pole • Available in both 2 or 3 position circuits • Multiple Actuator options Contact Rating: 16(8)A 125/250VAC μT55 20(8)A 125/250VAC μT55 20A 6-30VDC μT55 Electrical Life: 10,000 Cycles Contact Resistance: 50mΩ Max. inital Insulation Resistance: 50MΩ Min. Dielectric Strength: 1500V RMS Operating Temperature: -10°C to 55°C Storage Temperature: -10°C to 65°C Circuit Function: SP or DP 2 or 3 Position Agency Approvals: cURus Moisture Protection: IP68 Panel Thickness: 1-8mm ST4 P1 - OFF - (ON) P2 - OFF - ON P3 - ON - ON P4 - (OFF) - ON P5 - (ON) - OFF P6 - (ON) - ON P7 - ON - (ON) P8 - ON - OFF - ON P9 - ON - OFF - (ON) P10 - (ON) - OFF - (ON) C1 - 3/16 Quick Connect C2 - 1/4 Quick Connect S1 - Solder Lug S2 - Screw Terminal Series Function Termination Vending Machines T1 - 17mm Metal Bat T2 - 22mm Plastic Bat Actuator A - 16(8)A 125/250VAC μT55 B - 20(8)A 125/250VAC μT55 D - 20A 6-30VDC μT55 Rating No. of Poles S - Single Pole D - Double Pole |
Số phần tương tự - ST4DP1DT1C2 |
|
Mô tả tương tự - ST4DP1DT1C2 |