| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFP02123C bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
AFP02123C bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 20 page ![]() Programmable Controller SERIES FP0RSERIES X0 X1 X2 X3 X4 X5 X6 X7 COM Y0 Y1 Y2 Y3 COM Y4 COM Y5 COM X0 X1 X2 X3 (NC) (NC) (NC) (NC) COM Y0 Y1 Y2 Y3 (NC) (NC) (NC) (NC) COM Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 COM C10RS/C10RM C14RS/C14RM E8RS/E8RM E16RS/E16RM/ E8YRS Y0 Y1 (NC) (NC) COM Y2 COM Y3 COM X0 X1 X2 X3 X4 X5 (NC) (NC) COM X0 X1 X2 X3 X4 X5 X6 X7 COM <Reference measuring for wiring> ● Terminal array X 0 X 1 X 2 X 3 X 4 X 5 X 6 X 7 COM COM Input (8 points / common) Y 0 Y 1 Y 2 Y 3 Y 4 Y 5 Y 6 Y 7 (+) (–) Output (8 points / common) SG RD SD <Reference measuring for wiring> ● Terminal array Note: Two COM terminals on the input circuit are connected inside the unit. ● RS232C port Terminal array E − + ● RS485 port Terminal array X 0 X 1 X 2 X 3 X 4 X 5 X 6 X 7 COM COM Input (16 points / common) Y 0 Y 1 Y 2 Y 3 Y 4 Y 5 Y 6 Y 7 (+) (–) Output (16 points / common) X 8 X 9 X A X B X C X D X E X F COM COM Y 8 Y 9 YA Y B Y C Y D Y E Y F (+) (–) SG RD SD <Reference measuring for wiring> ● Terminal array ● RS232C port Terminal array E − + ● RS485 port Terminal array <Reference measuring for wiring> <Reference measuring for wiring> <Reference measuring for wiring> <Reference measuring for wiring> (0.71) 2.36 (18) 60.0 (9) (0.35) (0.30) (7.5) 90.0 3.54 (Note 1) DIN standard rail (DIN EN50022 35 mm 1.38 in width) ● Front view 60.0 (67.5) A + B + C + D dimensions (mm in) A A→B A→C A→D 30.0 1.18 2.36 (Note 2) 90.0 3.54 Input connector Output connector 0.14 60.0 3.5 RS232C port (C32C, T32C and F32C only) RS485 port (C32M, T32M, F32M only) 0.98 25.0 Input connector Output connector RS232C port (C16C only) RS485 port (C16M only) (Note 1) DIN standard rail (DIN EN50022 35 mm 1.38 in width) (0.39) (10) DIN standard rail (DIN EN50022 35 mm 1.38 in width) (Note 1) Input terminal block Output terminal block RS232C port (C10CR and C14CR only) RS485 port (C10MR and C14MR only) 0.98 MODE OFF ON V 0 IN I 0 COM COM OUT V 1 I 1 V I 1 2 3 4 5 EXPANSION CONNECTOR 2.36 (0.39) 25.0 60.0 (10) Notes: 1) DIN rail is attached on the center of the unit. 2) The AFP0RE8YRS is not equipped with an input terminal block. Notes: 1) DIN rail is attached on the center of the unit. 2) The AFP0RE32T, AFP0RE32P, AFP0RE16X, AFP0RE16YT and AFP0RE16YP are 25 mm 0.98 in each. 3) The AFP0RE16X has no output connector. 4) The AFP0RE16YT and AFP0RE16YP has no input connector. Notes: 1) Four COM terminals on the input circuit are connected inside the unit. 2) Two (+) terminals and two (-) terminals on the output circuit are connected respectively inside the unit. Notes: 1) DIN rail is attached on the center of the unit. 2) The AFP0RE8X has no output connector. 3) The AFP0RE8YT and AFP0RE8YP has no input connector. ERROR RUN PROG ALARM RUN P ROG. 0 1 2 3 4 5 6 7 8 9 A B C D E F 0 1 2 3 4 5 6 7 8 9 A B C D E F X8-F XO-7 0 1 2 3 4 5 6 7 8 9 A B C D E F 0 1 2 3 4 5 6 7 8 9 A B C D E F X8-F XO-7 0 1 2 3 4 5 6 7 8 9 A B C D E F 0 1 2 3 4 5 6 7 8 9 A B C D E F X8-F XO-7 0 1 2 3 4 5 6 7 8 9 A B C D E F 0 1 2 3 4 5 6 7 8 9 A B C D E F X8-F XO-7 Y8-F YO-7 Y8-F YO-7 Y8-F YO-7 Y8-F YO-7 90.0 B C D A (45) (45) 2.36 (2.66) 3.54 (1.77) (1.77) ● Top view (with DIN rail attached) C10RS C10CRS C10RM C10CRM C10MRS C14RS C14CRS C14RM C14CRM C14MRS C32T C32CT C32P C32CP T32CT T32CP F32CT F32CP C16T C16CT C16P C16CP C16MT C16MP C32MT C32MP T32MT T32MP F32MT F32MP Control unit 1 expansion unit connected Control unit only 2 expansion units connected 3 expansion units connected (0.18) (4.5) (10) (0.39) 13.0 0.51 5.12 130.0 approx. 5.12 130.0 approx. 5.12 130.0 approx. Input terminal Connection terminal Output terminal 0.98 1.97 2.95 3.94 1.18 2.17 3.15 4.13 25 50 75 100 30 55 80 105 90.0 3.54 0.98 25 (0.39) (10) 2.36 60.0 0.14 3.5 0.18 4.5 90.0 3.54 0.98 25.0 0.33 8.50 2.36 60.0 90.0 3.54 0.14 3.5 0.18 4.5 1.38 35.0 0.76 19.2 2.36 60.0 0.14 3.5 90.0 3.54 0.14 3.5 2.36 60.0 90.0 3.54 (0.71) (18) 2.36 60.0 90.0 3.54 (0.18) (4.5) (0.30) (7.5) 13.0 0.51 (10) (0.39) (9) (0.35) 0.14 3.5 2.36 60.0 0.98 25.0 90.0 3.54 2.36 60.0 90.0 3.54 (0.18) (4.5) (0.30) (7.5) 13.0 0.51 (10) (0.39) (9) (0.35) DIMENSIONS ■ Control units and Expansion units Control units Expansion units ■ FP Web-Server 2 Unit ■ FP0 Power Supply Unit ■ External Dimensions During Expansions ■ FP0 Analog I/O Unit and D/A Converter Unit ■ FP0 A/D Converter Unit and Thermocouple Unit (Unit: mm in) * For the relay output type, the terminal block type is listed as the representative type. C10RS, C10RM, C10CRS, C10CRM, C10MRS, C14RS, C14RM, C14CRS, C14CRM and C14MRS E8RS, E8RM, E8YRS, E16RS and E16RM Control units Expansion units C16T, C16P, C16CT, C16CP, C16MT and C16MP E16T, E16P, E8X, E8YT and E8YP Control units Expansion units C32T, C32CT, C32P, C32CP, C32MT, C32MP, T32CT, T32CP, T32MT, T32MP, F32CT, F32CP, F32MT and F32MP E32T, E32P, E16X, E16YT and E16YP Recognition (Some models only) Conforming to EMC Directive Listing (Some models only) The New Standard of Ultra-compact PLCs *1. Among compact PLCs with up to 128 I/O points based on our research as of July 1, 2011 *2. Based on our research as of July 1, 2011 Equipped with RS485 Port Multi-axis Control available without Expansion NEW Large Capacity Program and Data Memory Largest in its class *1 Ultra-high Speed Processing Fastest in its class *1 Battery-less Automatic Backup of All Data Industry’s First *2 2011.08 panasonic-electric-works.net/sunx Panasonic Electric Works SUNX Co., Ltd. Global Sales & Marketing Division 2431-1 Ushiyama-cho, Kasugai-shi, Aichi, 486-0901, Japan ■ Telephone: +81-568-33-7861 ■Facsimile: +81-568-33-8591 All Rights Reserved ©Panasonic Electric Works SUNX Co., Ltd. 2011 2011.08 panasonic-electric-works.net/sunx No. CE-FP0R-9 August, 2011 |
Số phần tương tự - AFP02123C |
|
Mô tả tương tự - AFP02123C |