| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FRDM-HB2000ESEVM bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FRDM-HB2000ESEVM bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 34 page ![]() NXP Semiconductors KTFRDMHB2000ESEVMUG FRDM-HB2000ESEVM evaluation board KTFRDMHB2000ESEVMUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2 — 11 June 2018 3 / 34 3 Getting started The NXP analog product development boards provide an easy-to-use platform for evaluating NXP products. These development boards support a range of analog, mixed‑signal, and power solutions. These boards incorporate monolithic integrated circuits and system-in-package devices that use proven high-volume technology. NXP products offer longer battery life, a smaller form factor, reduced component counts, lower cost, and improved performance in powering state-of-the-art systems. The tool summary page for FRDM-HB2000ESEVM is at http://www.nxp.com/FRDM- HB2000ESEVM. The overview tab on this page provides an overview of the device, a list of device features, a description of the kit contents, links to supported devices and a Get Started section. The Get Started section provides information applicable to using the FRDM‑HB2000ESEVM. 1. Go to http://www.nxp.com/FRDM-HB2000ESEVM. 2. On the Overview tab, locate the Jump To navigation feature on the left side of the window. 3. Select the Get Started link. 4. Review each entry in the Get Started section. 5. Download an entry by clicking the linked title. After reviewing the Overview tab, visit the other related tabs for additional information: • Documentation: Download current documentation. • Software & Tools: Download current hardware and software tools. • Buy/Parametrics: Purchase the product and view the product parametrics. After downloading files, review each file, including the user guide, which includes setup instructions. If applicable, the bill of materials (BOM) and supporting schematics are also available for download in the Get Started section of the Overview tab. 3.1 Kit content/packing list The FRDM-HB2000ESEVM content includes: • Assembled and tested evaluation board/module in anti-static bag • FRDM-KL25Z • Quick start guide |