| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RB212C2221 bảng dữ liệu(PDF) 4 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
RB212C2221 bảng dữ liệu(HTML) 4 Page - E-SWITCH |
|
4 / 6 page ![]() www.e-switch.com 800.867.2717 4 rb2 SerieS rocker Switch Body dimensions schematic options panel cutout SHEET OF 3 5 RB2 Catalog Drawing 8/24/2017 POS. 3 FUNCTION POS. 1 POS. 2 2 1 3 1 4 5 4 1 2 2 - POSITION 6 5 4 1 2 3 3 - POSITION 2 5 4 2 - POSITION ILLUMINATED 1 2 POLE VERSION SHOWN WITH E - RATED BODY TERMINAL - 4 (6.3mm TAB) PANEL THICKNESS (x) TOLERANCE 0.75 - 1.25 30.0 +/- 0.1 1.25 - 2.00 30.2 +/- 0.1 2.00 - 3.00 30.5 +/- 0.1 2 OFF NONE ON E OFF NONE (ON) G ON NONE ON H ON NONE (ON) 6 ON OFF ON J ON OFF (ON) K (ON) OFF (ON) TERMINAL CLOSURE 2-1, 5-4 OPEN 2-3, 5-6 (x) 22.00 -.00 .10 + .866 -.000 .004 + in [ ] ( ) = MOMENTARY 2 POS. 1 POS. 3 POS. 25.00 [.984 in] 32.00 [1.260 in] 25.50 [1.004 in] 19.00 [.748 in] 26.80 [1.055 in] 16.80 [.661 in] 26.30 - .00 1.00 + 1.035 -.000 .039 + in [ ] .80 [.031 in] 11.00 [.433 in] 11.00 [.433 in] 27.00 [1.063 in] 21.50 [.846 in] 7.50 [.295 in] 2.20 [.087 in] 6.30 [.248 in] 10.80 [.425 in] THIS TERMINAL ONLY ON 3 - POSITION SWITCHES |