| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RB212C1001 bảng dữ liệu(PDF) 2 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
RB212C1001 bảng dữ liệu(HTML) 2 Page - E-SWITCH |
|
2 / 6 page ![]() www.e-switch.com 800.867.2717 2 rb2 SerieS rocker Switch Body dimensions schematic options panel cutout SHEET OF 1 5 RB2 Catalog Drawing 8/24/2017 POS. 1 FUNCTION POS. 3 POS. 2 5 4 1 2 2 - POSITION 6 5 4 1 2 3 3 - POSITION 2 5 4 2 - POSITION ILLUMINATED 1 1 2 3 3 6 2 POLE VERSION SHOWN WITH C - RATED BODY TERMINAL - 5 (4.8mm TAB) PANEL THICKNESS (x) TOLERANCE 0.75 - 1.25 30.0 +/- 0.1 1.25 - 2.00 30.2 +/- 0.1 2.00 - 3.00 30.5 +/- 0.1 (x) 22.00 -.00 .10 + .866 -.000 .004 + in [ ] ( ) = MOMENTARY 1 POS. 3 POS. 2 POS. 26.50 1.00 1.043.039 in [ ] THIS TERMINAL ONLY ON 3 - POSITION SWITCHES 25.00 [.984 in] 31.60 [1.244 in] 25.00 [.984 in] 19.80 [.780 in] 7.90 [.311 in] 2.00 [.079 in] 17.00 [.669 in] 27.00 [1.063 in] .80 [.031 in] 10.50 [.413 in] 10.50 [.413 in] 25.80 [1.016 in] 21.80 [.858 in] 4.80 [.189 in] 10.80 [.425 in] THIS TERMINAL ONLY ON 3 - POSITION SWITCHES 2 OFF NONE ON E OFF NONE (ON) G ON NONE ON H ON NONE (ON) 6 ON OFF ON J ON OFF (ON) K (ON) OFF (ON) TERMINAL CLOSURE 2-3, 5-6 OPEN 2-1, 5-4 |