| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAPT/MMCXM/SMAF bảng dữ liệu(PDF) 2 Page - Siretta Limited. |
|
|
|||||||||||||||||||||||||||||
ADAPT/MMCXM/SMAF bảng dữ liệu(HTML) 2 Page - Siretta Limited. |
|
2 / 76 page ![]() 2 airCONNECT Antenna Mounting Styles Siretta antennas started as a necessity – they say that necessity is the mother of invention – so it was with Siretta and antennas. With many years of wireless knowledge and ‘know-how’ in designing Cellular and related wireless data modems and routers, having to add antennas proved difficult. It’s somewhat a black art and we found very few suppliers of antennas and those that there were did not know the ‘art’ and could not advise beyond their ‘odd’ part number and a long lead time. Consequently, we grasped the nettle ten years ago and set about ‘making life easier’ for us and our customers by designing our own and understanding the performance of them. That’s the history of our antenna range – probably the widest range – where the use and performance of each antennas is clear and with test figures to demonstrate. We have also created a part number system that describes each antenna accurately and is easily remembered. ‘An antenna is just a piece of wire….’ The notion that we find many people have is that an antenna is just a convenient sized piece of wire in air. We would love that to be the case, however the reality of wireless is that antennas have to conform to a set of physics suitable to the application that they are to be used in. It is the understanding of the physics of what is required in an antenna, coupled with the equipment it is to be used with, that needs careful consideration before the overall equipment design is done. Why doesn’t my antenna work well?? - this is a very common question for us and as the ‘black art’ that it is the reasons could be manifold. But central to the question is generally a few considerations that will ensure the right type of antenna is used for the design – or modification of the design to accommodate the limitations or characteristics of the chosen antenna. Our success in Antenna design and supply is the unbeatable combination of advising customers on antenna selection or customized antenna design and how to use them – and also offering volume supply via our distributors at an unbeatable price. |