| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
477313 bảng dữ liệu(PDF) 2 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
477313 bảng dữ liệu(HTML) 2 Page - Lapp. |
|
2 / 5 page ![]() 800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com 458 EPIC® Pin & Sleeve Connectors Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors. Dimensional drawings can be found on the indicated pages and are the same for North American and international standards. Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing. IP44 IP67 30A Pin & Sleeve Connectors North American Standard Male Plugs & Inlets Dimensional Data Plugs: page 467 Inlets: page 468 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position IP67 IP44 IP67 30A Male Plugs Male Inlets 125 3 1+N+PE 4 477206FX 700224FX 476206FX 250 3 2+PE 6 477306FX 700226FX 476306FX 3Ø 250 4 3+PE 9 477316FX 700239FX 476316FX 3Ø 480 4 3+PE 7 477516FX 700237FX 476516FX 3Ø Y 120/208 5 3+N+PE 9 477326FX 700249FX 476326FX Female Connectors & Receptacles Dimensional Data Connectors: page 468 Receptacles: page 469 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position IP67 IP44 IP67 IP44 IP44 30A Female Connectors Female Receptacles 125 3 1+N+PE 4 473206FX 720224FX 471267FX 433211FX 471266FX 250 3 2+PE 6 473306FX 720226FX 471367FX 433222FX 471366FX 3Ø 250 4 3+PE 9 473316FX 720239FX 471377FX 443222FX 471376FX 3Ø 480 4 3+PE 7 473516FX 720237FX 471577FX 443250FX 471576FX 3Ø Y 120/208 5 3+N+PE 9 473326FX 720249FX 471387FX 453222FX 471386FX Switched-Socket Outlets Dimensional Data page 470 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position with Fuse Holder IP66/67 Direct Connect IP67 30A EPIC® ULYSSE EPIC® ALUPRES 125 3 1+N+PE 4 400224FX 460224FX 250 3 2+PE 6 400226FX 460226FX 3Ø 250 4 3+PE 9 400239FX 460239FX 3Ø 480 4 3+PE 7 400237FX 460237FX 3Ø Y 120/208 5 3+N+PE 9 400249FX 460249FX |